Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB26-800BW Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # BTB26-800BW
Description  25A TRIACS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

BTB26-800BW Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  BTB26-800BW Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BTA/BTB26-800BW
GENERAL DESCRIPTION
25A TRIACS
Available either in through-hole or surface-mount packages, the BTA/BTB26 - 800BW triac series is
suitable for general purpose AC switching. They can be used as an ON/OFF function in applications
such as static relays, heating regulation, induction motor starting circuits... or for phase control
operation in light dimmers, motor speed controllers, ...
The snubberless versions (BTA/BTB...W series) are specially recommended for use on
inductive loads, thanks to their high commutation performances. By using an internal ceramic pad,
the BTA series provides voltage insulated tab (rated at 2500V RMS) complying with UL standards.
Product specification
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
( Ta = 25 C)
O
( Ta = 25 C)
O
A1 A2 G
PARAMETER
Symbol
Value
Unit
Repetitive peak off-state voltages
VDRM
800
V
peak off-state reverse voltages
VRRM
800
V
RMS on-state current
IT
25.0
A
Non-repetitive peak on-state current
ITSM
260
A
Max. Operating Junction Temperature
Tj
110
oC
Storage Temperature
Tstg
-45~150
oC
PARAMETER
Symbol
Test Conditions
Min.
Max
Unit
Repetitive peak off-state
voltages
VDRM
ID=0.1mA
800
V
Repetitive peak off-state
current
IDRM
VDRM=520V
10
uA
On-state voltage
VTM
IT=35A
1.55
V
Holding current
IH
IT=0.5A,IGT=25mA
75
mA
Gate trigger
Current
T2+G+
IGT
VAK=12V,RL=30Ω
50
mA
T2+G-
50
T2-G-
50
T2-G+
100
Gate trigger
Voltage
T2+G+
VGT
VD=12V,RL=30Ω
1.3
V
T2+G-
1.3
T2-G-
1.3
T2-G+
1.5
TO-3P
TIGER ELECTRONIC CO.,LTD


Similar Part No. - BTB26-800BW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB26-800BW STMICROELECTRONICS-BTB26-800BW Datasheet
137Kb / 12P
   25A TRIACS
logo
Inchange Semiconductor ...
BTB26-800BW ISC-BTB26-800BW Datasheet
227Kb / 2P
   isc Triacs
logo
STMicroelectronics
BTB26-800BWRG STMICROELECTRONICS-BTB26-800BWRG Datasheet
133Kb / 12P
   25 A standard and Snubberless triacs
BTB26-800BWRG STMICROELECTRONICS-BTB26-800BWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTB26-800BWRG STMICROELECTRONICS-BTB26-800BWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
More results

Similar Description - BTB26-800BW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA24 STMICROELECTRONICS-BTA24 Datasheet
137Kb / 12P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA24-600B TGS-BTA24-600B Datasheet
128Kb / 1P
   25A TRIACS
BTA26-600BW TGS-BTA26-600BW Datasheet
67Kb / 1P
   25A TRIACS
BTA24-600C TGS-BTA24-600C Datasheet
285Kb / 1P
   25A TRIACS
logo
Unisonic Technologies
BTB24A UTC-BTB24A_15 Datasheet
165Kb / 3P
   25A TRIACS
BTB24 UTC-BTB24 Datasheet
171Kb / 3P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA24-600BW TGS-BTA24-600BW Datasheet
59Kb / 1P
   25A TRIACS
BTA24-800BW TGS-BTA24-800BW Datasheet
59Kb / 1P
   25A TRIACS
TPDV1225-E TGS-TPDV1225-E Datasheet
202Kb / 1P
   25A TRIACS
logo
Kersemi Electronic Co.,...
T2550H-600T KERSEMI-T2550H-600T Datasheet
498Kb / 5P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA24-600BF TGS-BTA24-600BF Datasheet
61Kb / 1P
   25A TRIACS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com