Electronic Components Datasheet Search |
|
BTB06-600B Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd |
|
BTB06-600B Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd |
|
1 / 1 page BTA/BTB06-600B GENERAL DESCRIPTION 6A TRIACS Available either in through-hole or surface-mount packages, the BTA/BTB06 - 600B triac series is suitable for general purpose AC switching. They can be used as an ON/OFF function in applications such as static relays, heating regulation, induction motor starting circuits... or for phase control operation in light dimmers, motor speed controllers, ... The snubberless versions (BTA/BTB...W series) are specially recommended for use on inductive loads, thanks to their high commutation performances. By using an internal ceramic pad, the BTA series provides voltage insulated tab (rated at 2500V RMS) complying with UL standards. Product specification ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS ( Ta = 25 C) O ( Ta = 25 C) O A1 A2 G TO-220AB PARAMETER Symbol Value Unit Repetitive peak off-state voltages V DRM 600 V peak off-state reverse voltages V RRM 600 V RMS on-state current I T 6.0 A Non-repetitive peak on-state current I TSM 63 A Max. Operating Junction Temperature T j 110 oC Storage Temperature T stg -45~150 oC PARAMETER Symbol Test Conditions Min. Max Unit Repetitive peak off-state voltages VDRM I D=0.1mA 600 V Repetitive peak off-state current IDRM V DRM=520V 10 uA On-state voltage VTM I T=5.5A 1.55 V Holding current IH I T=0.5A,IGT=20mA 50 mA Gate trigger Current T2+G+ IGT V AK=12V R L=30 50 mA T2+G- 50 T2-G- 50 T2-G+ 100 Gate trigger Voltage T2+G+ VGT V D=12V R L=30 1.3 V T2+G- 1.3 T2-G- 1.3 T2-G+ 1.3 TIGER ELECTRONIC CO.,LTD |
Similar Part No. - BTB06-600B |
|
Similar Description - BTB06-600B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |