Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB04-600 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # BTB04-600
Description  4A TRIACS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

BTB04-600 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  BTB04-600 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BTA/BTB04-600
GENERAL DESCRIPTION
4A TRIACS
Available either in through-hole or surface-mount packages, the BTA/BTB04 - 600 triac series is
suitable for general purpose AC switching. They can be used as an ON/OFF function in applications
such as static relays, heating regulation, induction motor starting circuits... or for phase control
operation in light dimmers, motor speed controllers, ...
The snubberless versions (BTA/BTB...W series) are specially recommended for use on
inductive loads, thanks to their high commutation performances. By using an internal ceramic pad,
the BTA series provides voltage insulated tab (rated at 2500V RMS) complying with UL standards.
Product specification
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
( Ta = 25 C)
O
( Ta = 25 C)
O
A1 A2 G
TO-220AB
PARAMETER
Symbol
Value
Unit
Repetitive peak off-state voltages
V
DRM
600
V
peak off-state reverse voltages
V
RRM
600
V
RMS on-state current
I
T
4.0
A
Non-repetitive peak on-state current
I
TSM
42
A
Max. Operating Junction Temperature
T
j
110
oC
Storage Temperature
T
stg
-45~150
oC
PARAMETER
Symbol
Test Conditions
Min.
Max
Unit
Repetitive peak off-state
voltages
VDRM
I
D=0.1mA
600
V
Repetitive peak off-state
current
IDRM
V
DRM=520V
10
uA
On-state voltage
VTM
I
T=5.5A
1.65
V
Holding current
IH
I
T=0.5A,IGT=20mA
25
mA
Gate trigger
Current
T2+G+
IGT
V
AK=12V
R
L=30
10
mA
T2+G-
10
T2-G-
10
T2-G+
25
Gate trigger
Voltage
T2+G+
VGT
V
D=12V
R
L=30
1.5
V
T2+G-
1.5
T2-G-
1.5
T2-G+
1.5
TIGER ELECTRONIC CO.,LTD


Similar Part No. - BTB04-600

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB04-600 STMICROELECTRONICS-BTB04-600 Datasheet
438Kb / 6P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB04-600 KERSEMI-BTB04-600 Datasheet
1Mb / 5P
   SENSITIVE GATE TRIACS
logo
Inchange Semiconductor ...
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
   isc Triacs
logo
STMicroelectronics
BTB04-600A STMICROELECTRONICS-BTB04-600A Datasheet
438Kb / 6P
   SENSITIVE GATE TRIACS
logo
Shenzhen Luguang Electr...
BTB04-600A LUGUANG-BTB04-600A Datasheet
717Kb / 5P
   SENSITIVE GATE TRIACS
More results

Similar Description - BTB04-600

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTA04A UTC-BTA04A Datasheet
158Kb / 3P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA04 JIEJIE-BTA04 Datasheet
662Kb / 6P
   4A TRIACs
logo
Tiger Electronic Co.,Lt...
T405-600B-TR TGS-T405-600B-TR Datasheet
116Kb / 1P
   4A TRIACS
T435-600H TGS-T435-600H Datasheet
38Kb / 1P
   4A TRIACS
T435-600B-TR TGS-T435-600B-TR Datasheet
54Kb / 1P
   4A TRIACS
Z0409MF TGS-Z0409MF Datasheet
335Kb / 1P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST136 JIEJIE-JST136 Datasheet
402Kb / 7P
   4A TRIACs
logo
STMicroelectronics
Z04 STMICROELECTRONICS-Z04 Datasheet
88Kb / 8P
   4A TRIACS
logo
SiPower Inc.
BTA204S-800E SIPOWER-BTA204S-800E Datasheet
866Kb / 7P
   4A Triacs
logo
Tiger Electronic Co.,Lt...
Z0405MF TGS-Z0405MF Datasheet
29Kb / 1P
   4A TRIACS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com