Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C67076-A2504-A17 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # C67076-A2504-A17
Description  IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C67076-A2504-A17 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  C67076-A2504-A17 Datasheet HTML 1Page - Siemens Semiconductor Group C67076-A2504-A17 Datasheet HTML 2Page - Siemens Semiconductor Group C67076-A2504-A17 Datasheet HTML 3Page - Siemens Semiconductor Group C67076-A2504-A17 Datasheet HTML 4Page - Siemens Semiconductor Group C67076-A2504-A17 Datasheet HTML 5Page - Siemens Semiconductor Group C67076-A2504-A17 Datasheet HTML 6Page - Siemens Semiconductor Group C67076-A2504-A17 Datasheet HTML 7Page - Siemens Semiconductor Group C67076-A2504-A17 Datasheet HTML 8Page - Siemens Semiconductor Group C67076-A2504-A17 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Semiconductor Group
3
Feb-10-1997
BSM 15 GD 120 D2
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Switching Characteristics, Inductive Load at Tj = 125 °C
Turn-on delay time
VCC = 600 V, VGE = 15 V, IC = 15 A
RGon = 82 Ω
td(on)
-
55
110
ns
Rise time
VCC = 600 V, VGE = 15 V, IC = 15 A
RGon = 82 Ω
tr
-
45
90
nS
Turn-off delay time
VCC = 600 V, VGE = -15 V, IC = 15 A
RGoff = 82 Ω
td(off)
-
400
600
ns
Fall time
VCC = 600 V, VGE = -15 V, IC = 15 A
RGoff = 82 Ω
tf
-
70
100
Free-Wheel Diode
Diode forward voltage
IF = 15 A, VGE = 0 V, Tj = 25 °C
IF = 15 A, VGE = 0 V, Tj = 125 °C
VF
-
-
1.9
2.4
-
2.9
V
Reverse recovery time
IF = 15 A, VR = -600 V, VGE = 0 V
diF/dt = -800 A/µs, Tj = 125 °C
trr
-
0.1
-
µs
Reverse recovery charge
IF = 15 A, VR = -600 V, VGE = 0 V
diF/dt = -800 A/µs
Tj = 25 °C
Tj = 125 °C
Qrr
-
-
3
1
-
-
µC


Similar Part No. - C67076-A2504-A17

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C67076-A2501-A2 SIEMENS-C67076-A2501-A2 Datasheet
326Kb / 8P
   IGBT MODULE
C67076-A2505-A17 SIEMENS-C67076-A2505-A17 Datasheet
137Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
logo
eupec GmbH
C67076-A2505-A67 EUPEC-C67076-A2505-A67 Datasheet
270Kb / 9P
   IGBT Power Module
logo
Siemens Semiconductor G...
C67076-A2506-A17 SIEMENS-C67076-A2506-A17 Datasheet
137Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
logo
eupec GmbH
C67076-A2506-A67 EUPEC-C67076-A2506-A67 Datasheet
272Kb / 10P
   IGBT Power Module
More results

Similar Description - C67076-A2504-A17

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSM15GD60DN2 SIEMENS-BSM15GD60DN2 Datasheet
123Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM50GD120DN2 SIEMENS-BSM50GD120DN2 Datasheet
126Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM35GD120D2 SIEMENS-BSM35GD120D2 Datasheet
137Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM50GD60DN2E3226 SIEMENS-BSM50GD60DN2E3226 Datasheet
121Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM50GD60DN2 SIEMENS-BSM50GD60DN2 Datasheet
123Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM25GD120D2 SIEMENS-BSM25GD120D2 Datasheet
137Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM50GD120DN2G SIEMENS-BSM50GD120DN2G Datasheet
182Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM10GD60DN2 SIEMENS-BSM10GD60DN2 Datasheet
122Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes
BSM75GD120DN2 SIEMENS-BSM75GD120DN2 Datasheet
185Kb / 9P
   IGBT Power Module (Solderable Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM150GT120DN2 SIEMENS-BSM150GT120DN2 Datasheet
182Kb / 9P
   IGBT Power Module (Solderable Power module 3-phase full-bridge Including fast free-wheel diodes)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com