Electronic Components Datasheet Search |
|
TZX12C Datasheet(PDF) 1 Page - Vishay Siliconix |
|
TZX12C Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 7 page TZX-Series www.vishay.com Vishay Semiconductors Rev. 2.3, 22-Nov-11 1 Document Number: 85614 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Small Signal Zener Diodes FEATURES • Very sharp reverse characteristic • Low reverse current level • Very high stability •Low noise • AEC-Q101 qualified • Compliant to RoHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC • Halogen-free according to IEC 61249-2-21 definition APPLICATIONS • Voltage stabilization PRIMARY CHARACTERISTICS PARAMETER VALUE UNIT VZ range nom. 2.4 to 36 V Test current IZT 2; 5 mA VZ specification Pulse current Int. construction Single ORDERING INFORMATION DEVICE NAME ORDERING CODE TAPED UNITS PER REEL MINIMUM ORDER QUANTITY TZX-series TZX-series-TAP 10 000 per ammopack (52 mm tape) 30 000/box TZX-series TZX-series-TR 10 000 per 14" reel (52 mm tape) 30 000/box PACKAGE PACKAGE NAME WEIGHT MOLDING COMPOUND FLAMMABILITY RATING MOISTURE SENSITIVITY LEVEL SOLDERING CONDITIONS DO-35 125 mg UL 94 V-0 MSL level 1 (according J-STD-020) 260 °C/10 s at terminals ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified) PARAMETER TEST CONDITION SYMBOL VALUE UNIT Power dissipation l = 4 mm, TL = 25 °C Ptot 500 mW Zener current IZ Ptot/VZ mA Thermal resistance junction to ambient air l = 4 mm, TL =constant RthJA 300 K/W Junction temperature Tj 175 °C Storage temperature range Tstg - 65 to + 175 °C Forward voltage (max.) IF = 200 mA VF 1.5 V |
Similar Part No. - TZX12C |
|
Similar Description - TZX12C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |