Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP110C Datasheet(PDF) 4 Page - Tiger Electronic Co.,Ltd

Part # 5KP110C
Description  TVS Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

5KP110C Datasheet(HTML) 4 Page - Tiger Electronic Co.,Ltd

  5KP110C Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 5KP110C Datasheet HTML 2Page - Tiger Electronic Co.,Ltd 5KP110C Datasheet HTML 3Page - Tiger Electronic Co.,Ltd 5KP110C Datasheet HTML 4Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type
Number
Type
Number
Reverse
Standoff
Voltage
Max.
Reverse
Leakage
Max.
Clamping
Voltage
Max.
Peak
Pulse
Max.
Voltage
Temp.
(UNI)
(BI)
VR(V)
Min(V)
Max(V)
It(mA)
IR(uA)
Vc(V)
Ipp(A)
%/℃
5KP33
5KP33C
33.00
36.70
44.90
5.0
10
59.0
86.00
41
5KP33A
5KP33CA
33.00
36.70
40.60
5.0
10
53.3
94.00
38
5KP36
5KP36C
36.00
40.00
48.90
5.0
10
64.3
78.00
45
5KP36A
5KP36CA
36.00
40.00
44.20
5.0
10
58.1
86.00
40
5KP40
5KP40C
40.00
44.40
54.30
5.0
10
71.4
70.00
50
5KP40A
5KP40CA
40.00
44.40
49.10
5.0
10
64.5
78.00
45
5KP43
5KP43C
43.00
47.80
58.40
5.0
10
76.7
65.00
54
5KP43A
5KP43CA
43.00
47.80
52.80
5.0
10
69.4
72.00
49
5KP45
5KP45C
45.00
50.00
61.10
5.0
10
80.3
62.00
57
5KP45A
5KP45CA
45.00
50.00
55.30
5.0
10
72.7
69.00
51
5KP48
5KP48C
48.00
53.30
65.10
5.0
10
85.5
58.00
62
5KP48A
5KP48CA
48.00
53.30
58.90
5.0
10
77.4
65.00
55
5KP51
5KP51C
51.00
56.70
69.30
5.0
10
91.1
55.00
65
5KP51A
5KP51CA
51.00
56.70
62.70
5.0
10
82.4
61.00
60
5KP54
5KP54C
54.00
60.00
73.30
5.0
10
96.3
52.00
70
5KP54A
5KP54CA
54.00
60.00
66.30
5.0
10
87.1
57.00
64
5KP58
5KP58C
58.00
64.40
78.70
5.0
10
103.0
49.00
77
5KP58A
5KP58CA
58.00
64.40
71.20
5.0
10
93.6
53.00
69
5KP60
5KP60C
60.00
66.70
81.50
5.0
10
107.0
47.00
79
5KP60A
5KP60CA
60.00
66.70
73.70
5.0
10
96.8
52.00
70
5KP64
5KP64C
64.00
71.10
86.90
5.0
10
114.0
44.00
85
5KP64A
5KP64CA
64.00
71.10
78.60
5.0
10
103.0
49.00
75
5KP70
5KP70C
70.00
77.80
95.10
5.0
10
125.0
40.00
93
5KP70A
5KP70CA
70.00
77.80
86.00
5.0
10
113.0
44.00
84
5KP75
5KP75C
75.00
83.30
102.00
5.0
10
134.0
37.00
100
5KP75A
5KP75CA
75.00
83.30
92.10
5.0
10
121.0
41.00
90
5KP78
5KP78C
78.00
86.70
106.00
5.0
10
139.0
36.00
104
5KP78A
5KP78CA
78.00
86.70
95.80
5.0
10
126.0
40.00
94
5KP85
5KP85C
85.00
94.40
115.00
5.0
10
151.0
33.00
113
5KP85A
5KP85CA
85.00
94.40
104.00
5.0
10
137.0
36.00
102
5KP90
5KP90C
90.00
100.00
122.00
5.0
10
160.0
31.00
120
5KP90A
5KP90CA
90.00
100.00
111.00
5.0
10
146.0
34.00
109
5KP100
5KP100C
100.00
111.00
136.00
5.0
10
179.0
28.00
134
5KP110
5KP110C
110.00
122.00
149.00
5.0
10
196.0
26.00
147
5KP120
5KP120C
120.00
133.00
163.00
5.0
10
215.0
23.00
158
5KP150
5KP150C
150.00
166.00
204.00
5.0
10
268.0
18.50
200
5KP180
5KP180C
180.00
200.00
244.00
5.0
10
320.0
15.00
240
Breakdown
Voltage
BV Lolts@lt
NOTES: Suffix'C' denotes bidirectional device . Suffix'A' denotes 5% tolerance device .no suffix denotes 10% tolerance devive .
1. For bidirectional devices having VR of 10volts and under ,the IR limit is doubled .
5KP Series
TVS Transient Voltage Suppressor


Similar Part No. - 5KP110C

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP110C SURGE-5KP110C Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
UN Semiconducctor INC
5KP110C UNSEMI-5KP110C Datasheet
4Mb / 8P
   5.0 To 440V 5000W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Shenzhen Luguang Electr...
5KP110C LUGUANG-5KP110C Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP110C LUGUANG-5KP110C Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Won-Top Electronics
5KP110C WTE-5KP110C Datasheet
58Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 5KP110C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD119-B1-W01005 INFINEON-ESD119-B1-W01005 Datasheet
728Kb / 15P
   TVS (Transient Voltage Suppressor)
Revision 1.2, 2016-04-07
logo
Shenzhen Luguang Electr...
5KP5.0 LUGUANG-5KP5.0 Datasheet
237Kb / 4P
   TVS Transient Voltage Suppressor
logo
Infineon Technologies A...
ESD230-B1-W0201 INFINEON-ESD230-B1-W0201 Datasheet
976Kb / 15P
   TVS (Transient Voltage Suppressor)
Revision 1.0, 2016-04-22
ESD102-U1-02ELS INFINEON-ESD102-U1-02ELS Datasheet
782Kb / 16P
   TVS (Transient Voltage Suppressor)
Revision 1.2, 2015-12-14
logo
Tiger Electronic Co.,Lt...
5KP TGS-5KP Datasheet
265Kb / 4P
   TVS Transient Voltage Suppressor
logo
Digitron Semiconductors
P4KE6.8 DIGITRON-P4KE6.8 Datasheet
422Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR (TVS)
logo
Infineon Technologies A...
ESD101-B1-02ELS INFINEON-ESD101-B1-02ELS Datasheet
656Kb / 15P
   TVS (Transient Voltage Suppressor)
Revision 1.3, 2015-07-13
ESD128-B1-W0201 INFINEON-ESD128-B1-W0201 Datasheet
799Kb / 16P
   TVS (Transient Voltage Suppressor)
Revision 1.3, 2016-04-06
logo
STMicroelectronics
P6KE300ARL STMICROELECTRONICS-P6KE300ARL Datasheet
141Kb / 9P
   transient voltage surge suppressor (TVS)
logo
Torex Semiconductor
XBP4SMAJ TOREX-XBP4SMAJ Datasheet
212Kb / 5P
   400W Transient Voltage Suppressor (TVS)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com