Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT55B62 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BZT55B62
Description  Small Signal Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZT55B62 Datasheet(HTML) 3 Page - Vishay Siliconix

  BZT55B62 Datasheet HTML 1Page - Vishay Siliconix BZT55B62 Datasheet HTML 2Page - Vishay Siliconix BZT55B62 Datasheet HTML 3Page - Vishay Siliconix BZT55B62 Datasheet HTML 4Page - Vishay Siliconix BZT55B62 Datasheet HTML 5Page - Vishay Siliconix BZT55B62 Datasheet HTML 6Page - Vishay Siliconix BZT55B62 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BZT55-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 22-Nov-11
3
Document Number: 85637
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Additional measurement of voltage group 9V1 to 75 at 95 % Vzmin.  35 nA at Tj 25 °C
(1) tp  10 ms, T/tp > 1000
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
ZENER VOLTAGE
RANGE (1)
TEST
CURRENT
REVERSE LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
TEMPERATURE
COEFFICIENT
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1 ZZK at IZT2
TKVZ
Tamb =
25 °C
Tamb =
150 °C
f = 1 kHz
V
mA
μA
V
%/K
MIN.
NOM.
MAX.
MAX.
MAX.
MIN.
MAX.
BZT55B2V4
2.35
2.4
2.45
5
1
< 50
< 100
1
< 85
< 600
- 0.09
- 0.06
BZT55B2V7
2.64
2.7
2.76
5
1
< 10
< 50
1
< 85
< 600
- 0.09
- 0.06
BZT55B3V0
2.94
3.0
3.06
5
1
< 4
< 40
1
< 90
< 600
- 0.08
- 0.05
BZT55B3V3
3.24
3.3
3.36
5
1
< 2
< 40
1
< 90
< 600
- 0.08
- 0.05
BZT55B3V6
3.52
3.6
3.68
5
1
< 2
< 40
1
< 90
< 600
- 0.08
- 0.05
BZT55B3V9
3.82
3.9
3.98
5
1
< 2
< 40
1
< 90
< 600
- 0.08
- 0.05
BZT55B4V3
4.22
4.3
4.38
5
1
< 1
< 20
1
< 90
< 600
- 0.06
- 0.03
BZT55B4V7
4.6
4.7
4.8
5
1
< 0.5
< 10
1
< 80
< 600
- 0.05
0.02
BZT55B5V1
5
5.1
5.2
5
1
< 0.1
< 2
1
< 60
< 550
- 0.02
0.02
BZT55B5V6
5.48
5.6
5.72
5
1
< 0.1
< 2
1
< 40
< 450
- 0.05
0.05
BZT55B6V2
6.08
6.2
6.32
5
1
< 0.1
< 2
2
< 10
< 200
0.03
0.06
BZT55B6V8
6.66
6.8
6.94
5
1
< 0.1
< 2
3
< 8
< 150
0.03
0.07
BZT55B7V5
7.35
7.5
7.65
5
1
< 0.1
< 2
5
< 7
< 50
0.03
0.07
BZT55B8V2
8.04
8.2
8.36
5
1
< 0.1
< 2
6.2
< 7
< 50
0.03
0.08
BZT55B9V1
8.92
9.1
9.28
5
1
< 0.1
< 2
6.8
< 10
< 50
0.03
0.09
BZT55B10
9.8
10
10.2
5
1
< 0.1
< 2
7.5
< 15
< 70
0.03
0.1
BZT55B11
10.78
11
11.22
5
1
< 0.1
< 2
8.2
< 20
< 70
0.03
0.11
BZT55B12
11.76
12
12.24
5
1
< 0.1
< 2
9.1
< 20
< 90
0.03
0.11
BZT55B13
12.74
13
13.26
5
1
< 0.1
< 2
10
< 26
< 110
0.03
0.11
BZT55B15
14.7
15
15.3
5
1
< 0.1
< 2
11
< 30
< 110
0.03
0.11
BZT55B16
15.7
16
16.3
5
1
< 0.1
< 2
12
< 40
< 170
0.03
0.11
BZT55B18
17.64
18
18.36
5
1
< 0.1
< 2
13
< 50
< 170
0.03
0.11
BZT55B20
19.6
20
20.4
5
1
< 0.1
< 2
15
< 55
< 220
0.03
0.11
BZT55B22
21.55
22
22.45
5
1
< 0.1
< 2
16
< 55
< 220
0.04
0.12
BZT55B24
23.5
24
24.5
5
1
< 0.1
< 2
18
< 80
< 220
0.04
0.12
BZT55B27
26.4
27
27.6
5
1
< 0.1
< 2
20
< 80
< 220
0.04
0.12
BZT55B30
29.4
30
30.6
5
1
< 0.1
< 2
22
< 80
< 220
0.04
0.12
BZT55B33
32.4
33
33.6
5
1
< 0.1
< 2
24
< 80
< 220
0.04
0.12
BZT55B36
35.3
36
36.7
5
1
< 0.1
< 2
27
< 80
< 220
0.04
0.12
BZT55B39
38.2
39
39.8
2.5
1
< 0.1
< 5
30
< 90
< 500
0.04
0.12
BZT55B43
42.1
43
43.9
2.5
0.5
< 0.1
< 5
33
< 90
< 600
0.04
0.12
BZT55B47
46.1
47
47.9
2.5
0.5
< 0.1
< 5
36
< 110
< 700
0.04
0.12
BZT55B51
50
51
52
2.5
0.5
< 0.1
< 10
39
< 125
< 700
0.04
0.12
BZT55B56
54.9
56
57.1
2.5
0.5
< 0.1
< 10
43
< 135
< 1000
0.04
0.12
BZT55B62
60.8
62
63.2
2.5
0.5
< 0.1
< 10
47
< 150
< 1000
0.04
0.12
BZT55B68
66.6
68
69.4
2.5
0.5
< 0.1
< 10
51
< 200
< 1000
0.04
0.12
BZT55B75
73.5
75
76.5
2.5
0.5
< 0.1
< 10
56
< 250
< 1500
0.04
0.12


Similar Part No. - BZT55B62

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT55B62 TSC-BZT55B62 Datasheet
91Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
Vishay Siliconix
BZT55B62 VISHAY-BZT55B62 Datasheet
193Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 10-Mar-06
logo
SEMTECH ELECTRONICS LTD...
BZT55B62 SEMTECH_ELEC-BZT55B62 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Taiwan Semiconductor Co...
BZT55B62 TSC-BZT55B62 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
Guangdong Kexin Industr...
BZT55B62 KEXIN-BZT55B62 Datasheet
952Kb / 4P
   Zener Diodes
More results

Similar Description - BZT55B62

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com