Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSM150GT120DN2 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # BSM150GT120DN2
Description  IGBT Power Module (Solderable Power module 3-phase full-bridge Including fast free-wheel diodes)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSM150GT120DN2 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  BSM150GT120DN2 Datasheet HTML 1Page - Siemens Semiconductor Group BSM150GT120DN2 Datasheet HTML 2Page - Siemens Semiconductor Group BSM150GT120DN2 Datasheet HTML 3Page - Siemens Semiconductor Group BSM150GT120DN2 Datasheet HTML 4Page - Siemens Semiconductor Group BSM150GT120DN2 Datasheet HTML 5Page - Siemens Semiconductor Group BSM150GT120DN2 Datasheet HTML 6Page - Siemens Semiconductor Group BSM150GT120DN2 Datasheet HTML 7Page - Siemens Semiconductor Group BSM150GT120DN2 Datasheet HTML 8Page - Siemens Semiconductor Group BSM150GT120DN2 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Semiconductor Group
6
Aug-23-1996
BSM 150 GT 120 DN2
Typ. gate charge
V
GE = ƒ(QGate)
parameter: IC puls = 150 A
0
200
400
600
800
1100
Q
Gate
0
2
4
6
8
10
12
14
16
V
20
V
GE
800 V
600 V
Typ. capacitances
C = f (VCE)
parameter: VGE = 0 V, f = 1 MHz
0
5
10
15
20
25
30
V
40
V
CE
-1
10
0
10
1
10
2
10
nF
C
Ciss
Coss
Crss
Reverse biased safe operating area
ICpuls = f(VCE) , Tj = 150°C
parameter: VGE = 15 V
0
200
400
600
800
1000 1200
V
1600
V
CE
0.0
0.5
1.0
1.5
2.5
I
Cpuls
/I
C
Short circuit safe operating area
ICsc = f(VCE) , Tj = 150°C
parameter: VGE = ± 15 V, tSC ≤ 10 µs, L < 50 nH
0
200
400
600
800
1000 1200
V
1600
V
CE
0
2
4
6
8
12
I
Csc
/I
C


Similar Part No. - BSM150GT120DN2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSM150GAL120DLC INFINEON-BSM150GAL120DLC Datasheet
201Kb / 10P
   HighSpeed 2-Technology
Mar-04, Rev. 2.0
logo
Siemens Semiconductor G...
BSM150GAL120DN2 SIEMENS-BSM150GAL120DN2 Datasheet
81Kb / 5P
   IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes)
BSM150GAL120DN2E3166 SIEMENS-BSM150GAL120DN2E3166 Datasheet
80Kb / 5P
   IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes)
logo
Infineon Technologies A...
BSM150GAR120DN2 INFINEON-BSM150GAR120DN2 Datasheet
201Kb / 10P
   HighSpeed 2-Technology
Mar-04, Rev. 2.0
logo
eupec GmbH
BSM150GB120DLC EUPEC-BSM150GB120DLC Datasheet
90Kb / 8P
   Technische Information / Technical Information
More results

Similar Description - BSM150GT120DN2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSM100GD120DN2 SIEMENS-BSM100GD120DN2 Datasheet
185Kb / 9P
   IGBT Power Module (Solderable Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM75GD120DN2 SIEMENS-BSM75GD120DN2 Datasheet
185Kb / 9P
   IGBT Power Module (Solderable Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM200GT120DN2 SIEMENS-BSM200GT120DN2 Datasheet
180Kb / 9P
   IGBT Power Module (Solderable Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM15GD60DN2 SIEMENS-BSM15GD60DN2 Datasheet
123Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM50GD120DN2 SIEMENS-BSM50GD120DN2 Datasheet
126Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM15GD120D2 SIEMENS-BSM15GD120D2 Datasheet
138Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM35GD120D2 SIEMENS-BSM35GD120D2 Datasheet
137Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM50GD60DN2E3226 SIEMENS-BSM50GD60DN2E3226 Datasheet
121Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM50GD60DN2 SIEMENS-BSM50GD60DN2 Datasheet
123Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM25GD120D2 SIEMENS-BSM25GD120D2 Datasheet
137Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com