Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ23B39-V-G Datasheet(PDF) 5 Page - Vishay Siliconix

Part # AZ23B39-V-G
Description  Small Signal Zener Diodes, Dual
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AZ23B39-V-G Datasheet(HTML) 5 Page - Vishay Siliconix

  AZ23B39-V-G Datasheet HTML 1Page - Vishay Siliconix AZ23B39-V-G Datasheet HTML 2Page - Vishay Siliconix AZ23B39-V-G Datasheet HTML 3Page - Vishay Siliconix AZ23B39-V-G Datasheet HTML 4Page - Vishay Siliconix AZ23B39-V-G Datasheet HTML 5Page - Vishay Siliconix AZ23B39-V-G Datasheet HTML 6Page - Vishay Siliconix AZ23B39-V-G Datasheet HTML 7Page - Vishay Siliconix AZ23B39-V-G Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AZ23-V-G-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 31-Aug-11
5
Document Number: 85867
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Change of Zener Voltage vs. Junction Temperature
Fig. 8 - Temperature Dependence of Zener Voltage vs.
Zener Voltage
Fig. 9 - Change of Zener Voltage vs. Junction Temperature
Fig. 10 - Change of Zener Voltage from Turn-on up to the Point of
Thermal Equilibrium vs. Zener Voltage
Fig. 11 - Change of Zener Voltage from Turn-on up to the Point of
Thermal Equilibrium vs. Zener Voltage
Fig. 12 - Breakdown Characteristics
18124
V
Z at IZ = 5 mA
25
15
10
8
7
6.2
5.9
5.6
5.1
4.7
3.6
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
- 1
- 0.2
V
Z
V
T
j
020
40
60
80
100 120 140 C
Δ
18125
Δ
100
80
60
40
20
0
mV/°C
Δ
V
Z
T
j
0
20
40
80
60
100 V
V
Z
I
Z = 5 mA
18126
Δ
9
7
5
3
1
- 1
V
VZ
8
6
4
2
0
0
100
60
Tj
20
40
120
80
140 °C
IZ = 2 mA
51
43
36
18127
Δ
1.6
1.2
0.8
0.4
0
- 0.4
V
V
Z
1.4
1
0.6
0.2
- 0.2
1
23
4
5
23
4
5
10
100 V
V
Z at IZ = 5 mA
V
Z = Rzth x IZ
Δ
18128
Δ
5
4
3
2
1
0
V
V
Z
0
20
40
60
80
100 V
V
Z
I
Z = 5 mA
I
Z = 2 mA
V
Z = Rzth x IZ
Δ
18111
Test
current
I
Z 5 mA
1
23
4
5
67
8
9
0
10 V
VZ
3.3
3.9 5.6
2.7
mA
50
40
30
20
10
0
lZ
Tj = 25 °C
8.2
6.8
4.7


Similar Part No. - AZ23B39-V-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AZ23B39-V VISHAY-AZ23B39-V Datasheet
190Kb / 9P
   Small Signal Zener Diodes, Dual
Rev. 1.5, 24-Mar-06
AZ23B39-V VISHAY-AZ23B39-V Datasheet
112Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.7, 22-Nov-11
AZ23B39-V VISHAY-AZ23B39-V Datasheet
112Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.7, 22-Nov-11
More results

Similar Description - AZ23B39-V-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AZ23C12-V-GS08 VISHAY-AZ23C12-V-GS08 Datasheet
122Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.3, 08-Feb-13
AZ23C4V7-V-GS08 VISHAY-AZ23C4V7-V-GS08 Datasheet
122Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.3, 08-Feb-13
MMBZ27VDA-G VISHAY-MMBZ27VDA-G Datasheet
91Kb / 4P
   Small Signal Zener Diodes, Dual
Rev. 1.0., 04-Mar-13
DZ23 VISHAY-DZ23 Datasheet
120Kb / 7P
   Small Signal Zener Diodes, Dual
Rev. 2.0, 08-Nov-16
MMBZ15VDC VISHAY-MMBZ15VDC Datasheet
74Kb / 4P
   Small Signal Zener Diodes, Dual
Rev. 1.4, 08-Jul-04
AZ23 VISHAY-AZ23_V01 Datasheet
135Kb / 8P
   Small Signal Zener Diodes, Dual
01-Jan-2022
AZ23-G VISHAY-AZ23-G_V01 Datasheet
122Kb / 8P
   Small Signal Zener Diodes, Dual
01-Jan-2022
AZ23C5V6-V-GS08 VISHAY-AZ23C5V6-V-GS08 Datasheet
112Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.7, 22-Nov-11
DZ23-V VISHAY-DZ23-V Datasheet
119Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.8, 02-Feb-12
DZ23-G VISHAY-DZ23-G_V01 Datasheet
132Kb / 8P
   Small Signal Zener Diodes, Dual
01-Jan-2022
AZ23-G VISHAY-AZ23-G Datasheet
132Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.4, 04-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com