Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VESD05A1B-HD1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VESD05A1B-HD1
Description  ESD-Protection Diode in LLP1006-2L
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VESD05A1B-HD1 Datasheet(HTML) 3 Page - Vishay Siliconix

  VESD05A1B-HD1 Datasheet HTML 1Page - Vishay Siliconix VESD05A1B-HD1 Datasheet HTML 2Page - Vishay Siliconix VESD05A1B-HD1 Datasheet HTML 3Page - Vishay Siliconix VESD05A1B-HD1 Datasheet HTML 4Page - Vishay Siliconix VESD05A1B-HD1 Datasheet HTML 5Page - Vishay Siliconix VESD05A1B-HD1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VESD05A1B-HD1
ESD-Protection Diode in
LLP1006-2L
Vishay Semiconductors
Document Number: 81796
For technical questions, contact: ESDprotection@vishay.com
www.vishay.com
Rev. 1.4, 26-Oct-10
3
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - ESD Discharge Current Wave Form
acc. IEC 61000-4-2 (330
Ω/150 pF)
Fig. 2 - 8/20 μs Peak Pulse Current Wave Form
acc. IEC 61000-4-5
Fig. 3 - Typical Capacitance CD vs. Reverse Voltage VR
Fig. 4 - Typical Forward Current IF vs. Forward Voltage VF
Fig. 5 - Typical Reverse Voltage VR vs.
Reverse Current IR
Fig. 6 - Typical Clamping Voltage vs.
Peak Pulse Current IPP
0 %
20 %
40 %
60 %
80 %
100 %
120 %
- 10 0 10 20 30 40 50 60 70 80 90 100
Time (ns)
Rise time = 0.7 ns to 1 ns
53 %
27 %
20557
0 %
20 %
40 %
60 %
80 %
100 %
010
20
30
40
Time (µs)
20 µs to 50 %
8 µs to 100 %
20548
21156
V
R (V)
04
3
2
1
5
25
20
15
10
0
5
f = 1 MHz
21157
V
F (V)
0.5
1
0.8
0.7
0.6
0.01
100
10
1
0.1
0.001
0.9
21158
I
R (µA)
0.01
100
10
1
0.1
1
5
4
3
2
0
10 000
1000
7
6
8
21159
I
PP (A)
- 4
- 2
0
2
4
6
8
10
01
23
45
Reverse
Forward
Measured acc. IEC 61000-4-5
(8/20 µs - wave form)


Similar Part No. - VESD05A1B-HD1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VESD05A1B-HD1 VISHAY-VESD05A1B-HD1 Datasheet
121Kb / 6P
   ESD Protection Diode in LLP1006-2L
01-Jan-2022
VESD05A1B-HD1-GS08 VISHAY-VESD05A1B-HD1-GS08 Datasheet
121Kb / 6P
   ESD Protection Diode in LLP1006-2L
01-Jan-2022
VESD05A1B-HD1 VISHAY-VESD05A1B-HD1_V01 Datasheet
121Kb / 6P
   ESD Protection Diode in LLP1006-2L
01-Jan-2022
More results

Similar Description - VESD05A1B-HD1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VESD15A1-HD1 VISHAY-VESD15A1-HD1 Datasheet
130Kb / 6P
   ESD Protection Diode in LLP1006-2L
Rev. 1.5, 16-May-17
VESD03A1C-HD1 VISHAY-VESD03A1C-HD1_V01 Datasheet
139Kb / 6P
   ESD Protection Diode in LLP1006-2L
01-Jan-2022
VESD12A1C-HD1 VISHAY-VESD12A1C-HD1_V01 Datasheet
135Kb / 6P
   ESD Protection Diode in LLP1006-2L
01-Jan-2022
VESD05A1-HD1 VISHAY-VESD05A1-HD1 Datasheet
130Kb / 6P
   ESD Protection Diode in LLP1006-2L
Rev. 2.0, 03-Jan-2019
VESD03A1-HD1 VISHAY-VESD03A1-HD1 Datasheet
138Kb / 6P
   ESD Protection Diode in LLP1006-2L
Rev. 1.9, 03-Jan-2019
VESD05A1A-HD1 VISHAY-VESD05A1A-HD1_V01 Datasheet
130Kb / 6P
   ESD Protection Diode in LLP1006-2L
01-Jan-2022
VESD03A1B-HD1 VISHAY-VESD03A1B-HD1 Datasheet
135Kb / 6P
   ESD Protection Diode in LLP1006-2L
01-Jan-2022
VESD05A1B-HD1 VISHAY-VESD05A1B-HD1_V01 Datasheet
121Kb / 6P
   ESD Protection Diode in LLP1006-2L
01-Jan-2022
VESD03A1C-HD1 VISHAY-VESD03A1C-HD1 Datasheet
135Kb / 7P
   ESD-Protection Diode in LLP1006-2L
Rev. 1.2, 02-Sep-08
VESD12A1C-HD1 VISHAY-VESD12A1C-HD1 Datasheet
125Kb / 7P
   ESD-Protection Diode in LLP1006-2L
Rev. 1.2, 02-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com