Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCUT05B1-DD1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VCUT05B1-DD1
Description  Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in LLP1006-2M
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCUT05B1-DD1 Datasheet(HTML) 1 Page - Vishay Siliconix

  VCUT05B1-DD1 Datasheet HTML 1Page - Vishay Siliconix VCUT05B1-DD1 Datasheet HTML 2Page - Vishay Siliconix VCUT05B1-DD1 Datasheet HTML 3Page - Vishay Siliconix VCUT05B1-DD1 Datasheet HTML 4Page - Vishay Siliconix VCUT05B1-DD1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 81149
For technical questions, contact: ESDprotection@vishay.com
www.vishay.com
Rev. 1.1, 24-Feb-11
1
Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode
in LLP1006-2M
VCUT05B1-DD1
Vishay Semiconductors
MARKING (example only)
Bar = Pin 1 marking
X = Date code
Y = Type code (see table below)
FEATURES
• Ultra compact LLP1006-2M package
• Low package height < 0.4 mm
• 1-line ESD-protection
• Working range ± 5.5 V
• Low leakage current < 0.1 µA
• Low load capacitance CD = 10 pF
• ESD-protection acc. IEC 61000-4-2
± 30 kV contact discharge
± 30 kV air discharge
• Soldering can be checked by standard vision inspection.
No X-ray necessary
• Pin plating NiPdAu (e4) no whisker growth
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
20855
21129
1
2
21121
XY
ORDERING INFORMATION
DEVICE NAME
ORDERING CODE
TAPED UNITS PER REEL
(8 mm TAPE ON 7" REEL)
MINIMUM ORDER QUANTITY
VCUT05B1-DD1
VCUT05B1-DD1-G-08
8000
8000
PACKAGE DATA
DEVICE NAME
PACKAGE
NAME
TYPE
CODE
WEIGHT
MOLDING COMPOUND
FLAMMABILITY RATING
MOISTURE
SENSITIVITY LEVEL
SOLDERING
CONDITIONS
VCUT05B1-DD1
LLP1006-2M
P
0.72 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
acc. IEC 61000-4-5, 8/20 µs/single shot
IPPM
3A
Peak pulse power
Pin 1 to pin 2
acc. IEC 61000-4-5; tp = 8/20 µs; single shot
PPP
38
W
ESD immunity
Contact discharge acc. IEC61000-4-2; 10 pulses
VESD
± 30
kV
Air discharge acc. IEC61000-4-2; 10 pulses
± 30
Operating temperature
Junction temperature
TJ
- 55 to + 145
°C
Storage temperature
Tstg
- 55 to + 150
°C
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902


Similar Part No. - VCUT05B1-DD1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCUT05B1-DD1 VISHAY-VCUT05B1-DD1 Datasheet
124Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in LLP1006-2M
Rev. 1.9, 20-Sep-2019
VCUT05B1-DD1 VISHAY-VCUT05B1-DD1 Datasheet
121Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in LLP1006-2M
01-Jan-2022
VCUT05B1-DD1-G-08 VISHAY-VCUT05B1-DD1-G-08 Datasheet
112Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in LLP1006-2M
Rev. 1.2, 21-Jun-12
VCUT05B1-DD1 VISHAY-VCUT05B1-DD1_V01 Datasheet
121Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in LLP1006-2M
01-Jan-2022
More results

Similar Description - VCUT05B1-DD1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCUT03B1-DD1 VISHAY-VCUT03B1-DD1 Datasheet
464Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in LLP1006-2M
Rev. 1.3, 13-Jul-10
VCUT03B1-DD1 VISHAY-VCUT03B1-DD1_V01 Datasheet
110Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in LLP1006-2M
01-Jan-2022
VCUT05B1-DD1 VISHAY-VCUT05B1-DD1_V01 Datasheet
121Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in LLP1006-2M
01-Jan-2022
VCUT05B1-DD1-G-08 VISHAY-VCUT05B1-DD1-G-08 Datasheet
112Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in LLP1006-2M
Rev. 1.2, 21-Jun-12
VCUT05B1DD1 VISHAY-VCUT05B1DD1 Datasheet
124Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in LLP1006-2M
Rev. 1.9, 20-Sep-2019
VBUS05L1-DD1 VISHAY-VBUS05L1-DD1 Datasheet
126Kb / 5P
   Bidirectional Symmetrical (BiSy) Low Capacitance, Single-Line ESD Protection Diode in LLP1006-2M
Rev. 1.8, 04-Jan-2019
VBUS05L1-DD1 VISHAY-VBUS05L1-DD1_V01 Datasheet
127Kb / 5P
   Bidirectional Symmetrical (BiSy) Low Capacitance, Single-Line ESD Protection Diode in LLP1006-2M
01-Jan-2022
VCUT07B1-HD1 VISHAY-VCUT07B1-HD1_V01 Datasheet
333Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in LLP1006-2L
01-Jan-2022
VCUT0505B-HD1 VISHAY-VCUT0505B-HD1 Datasheet
96Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in LLP1006-2L
Rev. 1.6, 26-Oct-10
VCUT0505B-HD1 VISHAY-VCUT0505B-HD1_V01 Datasheet
135Kb / 5P
   Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in LLP1006-2L
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com