Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C27-V-G Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BZX84C27-V-G
Description  Small Signal Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX84C27-V-G Datasheet(HTML) 3 Page - Vishay Siliconix

  BZX84C27-V-G Datasheet HTML 1Page - Vishay Siliconix BZX84C27-V-G Datasheet HTML 2Page - Vishay Siliconix BZX84C27-V-G Datasheet HTML 3Page - Vishay Siliconix BZX84C27-V-G Datasheet HTML 4Page - Vishay Siliconix BZX84C27-V-G Datasheet HTML 5Page - Vishay Siliconix BZX84C27-V-G Datasheet HTML 6Page - Vishay Siliconix BZX84C27-V-G Datasheet HTML 7Page - Vishay Siliconix BZX84C27-V-G Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BZX84-V-G-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 29-Sep-11
3
Document Number: 83458
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BZX84B2V4-V-G
H50
2.35
2.4
2.45
5
1
50
1
100
275
- 9
- 4
BZX84B2V7-V-G
H51
2.65
2.7
2.75
5
1
20
1
100
600
- 9
- 4
BZX84B3V0-V-G
H52
2.94
3.0
3.06
5
1
10
1
95
600
- 9
- 3
BZX84B3V3-V-G
H53
3.23
3.3
3.37
5
1
5
1
95
600
- 8
- 3
BZX84B3V6-V-G
H54
3.53
3.6
3.67
5
1
5
1
90
600
- 8
- 3
BZX84B3V9-V-G
H55
3.82
3.9
3.98
5
1
3
1
90
600
- 7
- 3
BZX84B4V3-V-G
H56
4.21
4.3
4.39
5
1
3
1
90
600
- 6
- 1
BZX84B4V7-V-G
H57
4.61
4.7
4.79
5
1
3
2
80
500
- 5
2
BZX84B5V1-V-G
H58
5.0
5.1
5.2
5
1
2
2
60
480
- 3
4
BZX84B5V6-V-G
H59
5.49
5.6
5.71
5
1
1
2
40
400
- 2
6
BZX84B6V2-V-G
H60
6.08
6.2
6.32
5
1
3
4
10
150
- 1
7
BZX84B6V8-V-G
H61
6.66
6.8
6.94
5
1
2
4
15
80
2
7
BZX84B7V5-V-G
H62
7.35
7.5
7.65
5
1
1
5
15
80
3
7
BZX84B8V2-V-G
H63
8.04
8.2
8.36
5
1
0.7
5
15
80
4
7
BZX84B9V1-V-G
H64
8.92
9.1
9.28
5
1
0.5
6
15
100
5
8
BZX84B10-V-G
H65
9.8
10
10.2
5
1
0.2
7
20
150
5
8
BZX84B11-V-G
H66
10.8
11
11.2
5
1
0.1
8
20
150
5
9
BZX84B12-V-G
H67
11.8
12
12.2
5
1
0.1
8
25
150
6
9
BZX84B13-V-G
H68
12.7
13
13.3
5
1
0.1
8
30
170
7
9
BZX84B15-V-G
H69
14.7
15
15.3
5
1
0.05
10.5
30
200
7
9
BZX84B16-V-G
H70
15.7
16
16.3
5
1
0.05
11.2
40
200
8
9.5
BZX84B18-V-G
H71
17.6
18
18.4
5
1
0.05
12.6
45
225
8
9.5
BZX84B20-V-G
H72
19.6
20
20.4
5
1
0.05
14
55
225
8
10
BZX84B22-V-G
H73
21.6
22
22.4
5
1
0.05
15.4
55
250
8
10
BZX84B24-V-G
H74
23.5
24
24.5
5
1
0.05
16.8
70
250
8
10
BZX84B27-V-G
H75
26.5
27
27.5
2
0.5
0.05
18.9
80
300
8
10
BZX84B30-V-G
H76
29.4
30
30.6
2
0.5
0.05
21
80
300
8
10
BZX84B33-V-G
H77
32.3
33
33.7
2
0.5
0.05
23.1
80
325
8
10
BZX84B36-V-G
H78
35.3
36
36.7
2
0.5
0.05
25.2
90
350
8
10
BZX84B39-V-G
H79
38.2
39
39.8
2
0.5
0.05
27.3
130
350
10
12
BZX84B43-V-G
H80
42.1
43
43.9
2
0.5
0.05
30.1
150
375
10
12
BZX84B47-V-G
H81
46.1
47
47.9
2
0.5
0.05
32.9
170
375
10
12
BZX84B51-V-G
H82
50
51
52
2
0.5
0.05
35.7
180
400
10
12
BZX84B56-V-G
H83
54.9
56
57.1
2
0.5
0.05
39.2
200
425
9
11
BZX84B62-V-G
H84
60.8
62
63.2
2
0.5
0.05
43.4
215
450
9
12
BZX84B68-V-G
H85
66.6
68
69.4
2
0.5
0.05
47.6
240
475
10
12
BZX84B75-V-G
H86
73.5
75
76.5
2
0.5
0.05
52.5
255
500
10
12
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
MARKING
CODE
ZENER VOLTAGE
RANGE
TEST CURRENT
REVERSE
LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
TEMPERATURE
COEFFICIENT
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at
IZT2
VZ at IZT1
V
mA
μA
V
10-4/°C
MIN.
NOM.
MAX.
MAX.
MAX.
MIN.
MAX.


Similar Part No. - BZX84C27-V-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C27-V VISHAY-BZX84C27-V Datasheet
452Kb / 10P
   Small Signal Zener Diodes
Rev. 1.7, 14-Jul-05
BZX84C27-V VISHAY-BZX84C27-V Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
BZX84C27-V VISHAY-BZX84C27-V Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
BZX84C27-V VISHAY-BZX84C27-V Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
BZX84C27-V VISHAY-BZX84C27-V Datasheet
247Kb / 11P
   Small Signal Zener Diodes
Rev. 1.7, 14-Jul-05
More results

Similar Description - BZX84C27-V-G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com