Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C67076-A2508-A67 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # C67076-A2508-A67
Description  IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C67076-A2508-A67 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  C67076-A2508-A67 Datasheet HTML 1Page - Siemens Semiconductor Group C67076-A2508-A67 Datasheet HTML 2Page - Siemens Semiconductor Group C67076-A2508-A67 Datasheet HTML 3Page - Siemens Semiconductor Group C67076-A2508-A67 Datasheet HTML 4Page - Siemens Semiconductor Group C67076-A2508-A67 Datasheet HTML 5Page - Siemens Semiconductor Group C67076-A2508-A67 Datasheet HTML 6Page - Siemens Semiconductor Group C67076-A2508-A67 Datasheet HTML 7Page - Siemens Semiconductor Group C67076-A2508-A67 Datasheet HTML 8Page - Siemens Semiconductor Group C67076-A2508-A67 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Semiconductor Group
4
Jan-09-1997
BSM 10 GD 60 DN2
Power dissipation
P
tot = ƒ(TC)
parameter: Tj ≤ 150 °C
0
20
40
60
80
100
°C
130
T
C
0
4
8
12
16
20
24
28
W
36
P
tot
Safe operating area
I
C = ƒ(VCE)
parameter: D = 0, TC = 25°C , Tj ≤ 150 °C
-2
10
-1
10
0
10
1
10
2
10
A
I
C
10
0
10
1
10
2
10
3
V
V
CE
DC
10 ms
1 ms
100 µs
t
p
= 18.0µs
Collector current
I
C = ƒ(TC)
parameter: VGE ≥ 15 V , Tj ≤ 150 °C
0
20
40
60
80
100
120
°C
160
T
C
0
1
2
3
4
5
6
7
8
9
10
A
12
I
C
Transient thermal impedance
IGBT
Z
th JC = ƒ(tp)
parameter: D = tp / T
-3
10
-2
10
-1
10
0
10
1
10
K/W
Z
thJC
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50


Similar Part No. - C67076-A2508-A67

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C67076-A2501-A2 SIEMENS-C67076-A2501-A2 Datasheet
326Kb / 8P
   IGBT MODULE
C67076-A2504-A17 SIEMENS-C67076-A2504-A17 Datasheet
138Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
C67076-A2505-A17 SIEMENS-C67076-A2505-A17 Datasheet
137Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
logo
eupec GmbH
C67076-A2505-A67 EUPEC-C67076-A2505-A67 Datasheet
270Kb / 9P
   IGBT Power Module
logo
Siemens Semiconductor G...
C67076-A2506-A17 SIEMENS-C67076-A2506-A17 Datasheet
137Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
More results

Similar Description - C67076-A2508-A67

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSM15GD60DN2 SIEMENS-BSM15GD60DN2 Datasheet
123Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM50GD120DN2 SIEMENS-BSM50GD120DN2 Datasheet
126Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM15GD120D2 SIEMENS-BSM15GD120D2 Datasheet
138Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM35GD120D2 SIEMENS-BSM35GD120D2 Datasheet
137Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM50GD60DN2E3226 SIEMENS-BSM50GD60DN2E3226 Datasheet
121Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM50GD60DN2 SIEMENS-BSM50GD60DN2 Datasheet
123Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM25GD120D2 SIEMENS-BSM25GD120D2 Datasheet
137Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM50GD120DN2G SIEMENS-BSM50GD120DN2G Datasheet
182Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM75GD120DN2 SIEMENS-BSM75GD120DN2 Datasheet
185Kb / 9P
   IGBT Power Module (Solderable Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM150GT120DN2 SIEMENS-BSM150GT120DN2 Datasheet
182Kb / 9P
   IGBT Power Module (Solderable Power module 3-phase full-bridge Including fast free-wheel diodes)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com