Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C67076-S1018-A2 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # C67076-S1018-A2
Description  SIMOPAC Module (Power module Single switch N channel Enhancement mode)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C67076-S1018-A2 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  C67076-S1018-A2 Datasheet HTML 1Page - Siemens Semiconductor Group C67076-S1018-A2 Datasheet HTML 2Page - Siemens Semiconductor Group C67076-S1018-A2 Datasheet HTML 3Page - Siemens Semiconductor Group C67076-S1018-A2 Datasheet HTML 4Page - Siemens Semiconductor Group C67076-S1018-A2 Datasheet HTML 5Page - Siemens Semiconductor Group C67076-S1018-A2 Datasheet HTML 6Page - Siemens Semiconductor Group C67076-S1018-A2 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Semiconductor Group
19
Electrical Characteristics (cont’d)
at
T
j = 25 ˚C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
Reverse diode
Continuous reverse drain current
T
C = 25
˚C
I
S
200
A
Pulsed reverse drain current
T
C = 25
˚C
I
SM
600
Diode forward on-voltage
I
F = 400 A , VGS = 0
V
SD
1.25
1.6
V
Reverse recovery time
I
F = IS, diF/dt = 100 A/µs, VR = 30 V
t
rr
400
ns
Reverse recovery charge
I
F = IS, diF/dt = 100 A/µs, VR = 30 V
Q
rr
3.5
µC
BSM 101 AR


Similar Part No. - C67076-S1018-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C67076-S1013-A2 SIEMENS-C67076-S1013-A2 Datasheet
216Kb / 9P
   SIMOPAC Module (Power module Single switch N channel Enhancement mode)
C67076-S1014-A2 SIEMENS-C67076-S1014-A2 Datasheet
207Kb / 7P
   SIMOPAC Module (Power module Single switch N channel Enhancement mode)
More results

Similar Description - C67076-S1018-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSM151 SIEMENS-BSM151 Datasheet
161Kb / 6P
   SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM121AR SIEMENS-BSM121AR Datasheet
207Kb / 7P
   SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM181 SIEMENS-BSM181 Datasheet
199Kb / 7P
   SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM111AR SIEMENS-BSM111AR Datasheet
216Kb / 9P
   SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM191 SIEMENS-BSM191 Datasheet
223Kb / 7P
   SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM151F SIEMENS-BSM151F Datasheet
226Kb / 7P
   SIMOPAC Module (Power module Single switch FREDFET N channel Enhancement mode)
BSM181F SIEMENS-BSM181F Datasheet
226Kb / 7P
   SIMOPAC Module (Power module Single switch FREDFET N channel Enhancement mode)
BSM191F SIEMENS-BSM191F Datasheet
205Kb / 7P
   SIMOPAC Module (Power module Single switch FREDFET N channel Enhancement mode)
logo
STMicroelectronics
SGS150MA010D1 STMICROELECTRONICS-SGS150MA010D1 Datasheet
165Kb / 5P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR MODULE
June 1988
SGS30MA050D1 STMICROELECTRONICS-SGS30MA050D1 Datasheet
172Kb / 5P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR MODULE
June 1988
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com