Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR105 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # FR105
Description  1.0AMP FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

FR105 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  FR105 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd FR105 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FR101 THRU FR107
Half Sing -Wave
10
N.1.
D.U.T
20
10Ω
FIG. 5 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
0
trr
50Ω
( + )
N.1.
( - )
50 Vdc
(APPROX)
N.1.
( + )
( - )
OSCILLOSCOPE
( NOTE )
PULSE GENERATOR
( NOTE 2 )
NUMBER OF CYCLES AT 60HZ
10
2.0
GIANTION ELECTRONICS
SET TIME BASE FOR 15 ns / cm
1. RISE TIME = 7n SEC MAX. INPUT IMPEDANCE = 1 MEGOHM. 22PF
NOTES:
2. RISE TIME = 10n SEC MAX. SOURCE IMPEDANCE = 50 OHM.
1.0A
0.5A
0.25A
3.0
100
125
150
REVERSE VOLTAGE / VOLTS
Tj = 125 ℃
100
20
8.3 ms Single
200
0
175
Resistive or Inductive Load
Single Phase Half Wave 60HZ
0.5
AMBIENT TEMPERATURE / ℃
100
10
Pulse width=300us
1% duly cycle
40
0
1.5
100
FIG. 3 -- FORWARD CURRENT DERATING CURVE
0
1.0
FIG. 4 -- PEAK FORWARD SURGE CURRENT
25
50
75
1.0
1.6
30
FIG. 1 -- TYPICAL FORWARD CHARACTERISTIC
1.8
INSTANTANEOUS FORWARD VOLTAGE / VOLTS
3.0
1.0
0.1
0.4
0.04
1.4
0
0.4
4.0
0.6
1.0
1.0
1.0
1.2
0.8
GIANTION ELECTRONIC
Pulse Width = 300μS
1 % Duly Cycle
10
FIG. 2 -- TYPICAL JUNCTION CAPACITANCE
10
30
Tj = 25 ℃
TIGER ELECTRONIC CO.,LTD


Similar Part No. - FR105

ManufacturerPart #DatasheetDescription
logo
Surge Components
FR105 SURGE-FR105 Datasheet
119Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
logo
Shenzhen Yixinwei Techn...
FR105 YIXIN-FR105 Datasheet
252Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR105 SY-FR105 Datasheet
234Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Micro Commercial Compon...
FR105 MCC-FR105 Datasheet
79Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
FR105 MCC-FR105 Datasheet
258Kb / 4P
   1 Amp Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - FR105

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
1N4933 TAK_CHEONG-1N4933 Datasheet
103Kb / 2P
   1.0AMP. Fast Recovery Rectifiers
logo
Chongqing Pingwei Enter...
1N4933 CHONGQING-1N4933_16 Datasheet
177Kb / 1P
   1.0AMP . FAST RECOVERY RECTIFIERS
1F1 CHONGQING-1F1_16 Datasheet
178Kb / 1P
   1.0AMP . FAST RECOVERY RECTIFIERS
logo
Cystech Electonics Corp...
CFR10XLB CYSTEKEC-CFR10XLB Datasheet
137Kb / 3P
   1.0Amp. Fast Recovery Rectifiers
logo
Chongqing Pingwei Enter...
FR101 CHONGQING-FR101_16 Datasheet
177Kb / 1P
   1.0AMP . FAST RECOVERY RECTIFIERS
logo
Tak Cheong Electronics ...
FR101 TAK_CHEONG-FR101 Datasheet
103Kb / 2P
   1.0AMP. Fast Recovery Rectifiers
logo
Chongqing Pingwei Enter...
BA157 CHONGQING-BA157_16 Datasheet
177Kb / 1P
   1.0AMP . FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SMF112A SECOS-SMF112A Datasheet
225Kb / 2P
   1.0AMP Surface Mount Fast Recovery Rectifiers
logo
DIYI Electronic Technol...
FR1AU DYELEC-FR1AU Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Chongqing Pingwei Enter...
1F1G CHONGQING-1F1G_16 Datasheet
178Kb / 1P
   1.0AMP. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com