Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD3000C08K Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SD3000C08K
Description  Standard Recovery Diodes (Hockey PUK Version), 3800 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD3000C08K Datasheet(HTML) 4 Page - Vishay Siliconix

  SD3000C08K Datasheet HTML 1Page - Vishay Siliconix SD3000C08K Datasheet HTML 2Page - Vishay Siliconix SD3000C08K Datasheet HTML 3Page - Vishay Siliconix SD3000C08K Datasheet HTML 4Page - Vishay Siliconix SD3000C08K Datasheet HTML 5Page - Vishay Siliconix SD3000C08K Datasheet HTML 6Page - Vishay Siliconix SD3000C08K Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93543
4
Revision: 14-May-08
SD3000C..K Series
Vishay High Power Products Standard Recovery Diodes
(Hockey PUK Version),
3800 A
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - Forward Voltage Drop Characteristics
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
5000
10 0 00
15 0 00
20 0 00
25 0 00
30 0 00
35 0 00
0
0
1
0
1
1
Num b e r O f E q u a l A m p litu d e H a lf C yc le Cu rre nt Pu ls e s (N )
SD3 000C ..K Series
In itial T = 1 80 °C
@ 60 Hz 0.008 3 s
@ 50 Hz 0.010 0 s
J
At Any Rated Load Con dition An d W ith
Rated V
Applied Following Surge.
RRM
5000
1000 0
1500 0
2000 0
2500 0
3000 0
3500 0
4000 0
0.0 1
0.1
1
Pu lse T ra in D u ra t io n ( s)
SD 3 0 0 0 C ..K S e rie s
In it ia l T = 1 8 0 °C
N o V o lt ag e R e applie d
R a te d V
R e applie d
J
RRM
V e rs us P u lse T ra in D ura t io n .
M a x im u m N o n R e p e t it iv e S urg e C u rre n t
10 0
1000
10 0 0 0
100000
0.5
1
1.5
2
2.5
3
3.5
T = 25°C
J
Instantan eous Forw ard V oltage (V)
SD 3000C..K Series
T = 180°C
J
0.00 01
0. 0 0 1
0. 0 1
0. 1
0. 0 0 1
0 .0 1
0 . 1
1
1 0
1 0 0
S q ua re W a v e Pu lse D ura t io n ( s)
S D 3000C .. K Se rie s
St e a d y St a t e V a lu e
R
= 0 .0 4 2 K / W
(Sin gle Sid e C o o le d )
R
= 0 .0 2 0 K / W
( D ou b le S id e C o ole d)
(D C O p e ra t io n )
thJ -hs
thJ -hs


Similar Part No. - SD3000C08K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD3000C08K VISHAY-SD3000C08K Datasheet
122Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 3800 A
Revision: 14-May-08
More results

Similar Description - SD3000C08K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD3000CK VISHAY-VS-SD3000CK Datasheet
188Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 3800 A
Revision: 15-Apr-14
VS-SD3000CK VISHAY-VS-SD3000CK_V01 Datasheet
171Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 3800 A
01-Jan-2022
SD3000C04K VISHAY-SD3000C04K Datasheet
122Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 3800 A
Revision: 14-May-08
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com