Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD1700C36K Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SD1700C36K
Description  Standard Recovery Diodes (Hockey PUK Version), 2100 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1700C36K Datasheet(HTML) 7 Page - Vishay Siliconix

  SD1700C36K Datasheet HTML 1Page - Vishay Siliconix SD1700C36K Datasheet HTML 2Page - Vishay Siliconix SD1700C36K Datasheet HTML 3Page - Vishay Siliconix SD1700C36K Datasheet HTML 4Page - Vishay Siliconix SD1700C36K Datasheet HTML 5Page - Vishay Siliconix SD1700C36K Datasheet HTML 6Page - Vishay Siliconix SD1700C36K Datasheet HTML 7Page - Vishay Siliconix SD1700C36K Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 95247
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 26-Nov-07
1
DO-200AC (K-PUK)
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
67 (2.64) DIA. MAX.
Quote between upper and lower pole pieces has to be considered after
application of mounting force (see Thermal and Mechanical Specifications)
3.5 (0.14) DIA. NOM. x
1.8 (0.07) deep MIN. both ends
1 (0.04) MIN.
both ends
47.5 (1.87) DIA. MAX.
2 places


Similar Part No. - SD1700C36K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD1700C36K VISHAY-SD1700C36K Datasheet
159Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
More results

Similar Description - SD1700C36K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD2000C04L VISHAY-SD2000C04L_12 Datasheet
137Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
VS-SD2000CL VISHAY-VS-SD2000CL Datasheet
150Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 04-Apr-14
SD2000C04L VISHAY-SD2000C04L Datasheet
124Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
SD1700C24K VISHAY-SD1700C24K Datasheet
159Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
VS-SD2000CL VISHAY-VS-SD2000CL_V01 Datasheet
163Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 2100 A
01-Jan-2022
VS-SD1700CK VISHAY-VS-SD1700CK_V01 Datasheet
205Kb / 8P
    Standard Recovery Diodes, (Hockey PUK), 2100 A
01-Jan-2022
VS-SD1700CK VISHAY-VS-SD1700CK Datasheet
222Kb / 8P
   Standard Recovery Diodes (Hockey PUK), 2100 A
Revision: 15-Apr-14
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com