Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD1500C12L Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SD1500C12L
Description  Standard Recovery Diodes (Hockey PUK Version), 1600 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1500C12L Datasheet(HTML) 4 Page - Vishay Siliconix

  SD1500C12L Datasheet HTML 1Page - Vishay Siliconix SD1500C12L Datasheet HTML 2Page - Vishay Siliconix SD1500C12L Datasheet HTML 3Page - Vishay Siliconix SD1500C12L Datasheet HTML 4Page - Vishay Siliconix SD1500C12L Datasheet HTML 5Page - Vishay Siliconix SD1500C12L Datasheet HTML 6Page - Vishay Siliconix SD1500C12L Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93537
4
Revision: 25-Jul-08
SD1500C..L Series
Vishay High Power Products Standard Recovery Diodes
(Hockey PUK Version),
1600 A
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - Forward Voltage Drop Characteristics
Fig. 10 - Thermal Impedance ZthJC Characteristics
4000
6000
8000
10 0 00
12 0 00
14 0 00
16 0 00
0
0
1
0
1
1
N um b er O f E q ua l A m p lit ud e H a lf C ycle C urrent P uls es (N )
SD150 0C..L Series
In itia l T = 18 0 °C
@ 60 Hz 0 .00 83 s
@ 50 Hz 0 .01 00 s
J
At Any Rated Load Con dition An d W ith
Rated V
Applied Following Surge.
RR M
30 0 0
50 0 0
70 0 0
90 0 0
11000
13000
15000
17000
1
1
.
0
1
0
.
0
Pulse Train Duration (s)
Initial T = 180°C
No Voltage Reapplied
Rated V
Reapplied
RR M
Versus Pulse T rain Duration.
Maxim um Non Repetitive Surge Curr ent
J
SD 1500C..L Series
100
10 0 0
10000
0.5
1
1.5
2
2.5
3
3.5
T = 25°C
J
Ins tan ta neous Forw ard V oltage (V )
T = 180°C
J
SD 150 0C..L Series
0. 0 0 1
0. 0 1
0. 1
0
1
1
1
.
0
1
0
.
0
1
0
0
.
0
S q u are W a v e P ulse D u rat io n ( s)
S D 1500C . .L S e r ies
St e a d y St at e V a lue
R
= 0 .0 7 3 K /W
( Sing le Sid e C o o led )
R
= 0 .0 3 1 K /W
( D ou ble Sid e C o oled )
(D C O p e ra t io n )
thJ -hs
th J- hs


Similar Part No. - SD1500C12L

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
SD1500C12L TEL-SD1500C12L Datasheet
162Kb / 1P
   STANDARD RECOVERY DIODE
logo
Vishay Siliconix
SD1500C12L VISHAY-SD1500C12L Datasheet
121Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 1600 A
Revision: 25-Jul-08
More results

Similar Description - SD1500C12L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD1500C04L VISHAY-SD1500C04L Datasheet
121Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 1600 A
Revision: 25-Jul-08
VS-SD1500CL VISHAY-VS-SD1500CL_V01 Datasheet
160Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 1600 A
01-Jan-2022
VS-SD1500CL VISHAY-VS-SD1500CL Datasheet
181Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 1600 A
Revision: 04-Apr-14
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com