Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD853C30S50K Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SD853C30S50K
Description  Fast Recovery Diodes (Hockey PUK Version), 990 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD853C30S50K Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SD853C30S50K_12 Datasheet HTML 2Page - Vishay Siliconix SD853C30S50K_12 Datasheet HTML 3Page - Vishay Siliconix SD853C30S50K_12 Datasheet HTML 4Page - Vishay Siliconix SD853C30S50K_12 Datasheet HTML 5Page - Vishay Siliconix SD853C30S50K_12 Datasheet HTML 6Page - Vishay Siliconix SD853C30S50K_12 Datasheet HTML 7Page - Vishay Siliconix SD853C30S50K_12 Datasheet HTML 8Page - Vishay Siliconix SD853C30S50K_12 Datasheet HTML 9Page - Vishay Siliconix SD853C30S50K_12 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93182
8
Revision: 14-May-08
SD853C..S50K Series
Vishay High Power Products
Fast Recovery Diodes
(Hockey PUK Version), 990 A
ORDERING INFORMATION TABLE
1
-
Diode
2
-
Essential part number
3
-
3 = Fast recovery
4
-
C = Ceramic PUK
5
-
Voltage code x 100 = VRRM (see Voltage Ratings table)
6
-trr code
7
-
K = PUK case DO-200AC (K-PUK)
Device code
5
13
24
67
SD
85
3
C
45
S50
K
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95247


Similar Part No. - SD853C30S50K_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD853C30S50K VISHAY-SD853C30S50K Datasheet
231Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 990 A
Revision: 14-May-08
More results

Similar Description - SD853C30S50K_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD853C30S50K VISHAY-SD853C30S50K Datasheet
231Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 990 A
Revision: 14-May-08
VS-SD853CS50K VISHAY-VS-SD853CS50K Datasheet
285Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 990 A
Revision: 15-Apr-14
VS-SD853CS50K VISHAY-VS-SD853CS50K_V01 Datasheet
268Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 990 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com