Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD803C04S10C Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SD803C04S10C
Description  Fast Recovery Diodes (Hockey PUK Version), 845 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD803C04S10C Datasheet(HTML) 5 Page - Vishay Siliconix

  SD803C04S10C Datasheet HTML 1Page - Vishay Siliconix SD803C04S10C Datasheet HTML 2Page - Vishay Siliconix SD803C04S10C Datasheet HTML 3Page - Vishay Siliconix SD803C04S10C Datasheet HTML 4Page - Vishay Siliconix SD803C04S10C Datasheet HTML 5Page - Vishay Siliconix SD803C04S10C Datasheet HTML 6Page - Vishay Siliconix SD803C04S10C Datasheet HTML 7Page - Vishay Siliconix SD803C04S10C Datasheet HTML 8Page - Vishay Siliconix SD803C04S10C Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 93180
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 04-Aug-08
5
SD803C..C Series
Fast Recovery Diodes
(Hockey PUK Version), 845 A
Vishay High Power Products
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - Forward Voltage Drop Characteristics
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
Fig. 11 - Recovery Time Characteristics
Fig. 12 - Recovery Charge Characteristics
4000
5000
6000
7000
8000
9000
10000
110
100
Numb er Of Eq ua l Amp litud e Ha lf Cycle Current Pulses (N)
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
SD803C..C Series
3000
4000
5000
6000
7000
8000
9000
10000
11000
12000
0.01
0.1
1
Pulse Train Dura tion (s)
VersusPulse Train Duration.
Maximum Non Repetitive Surge Current
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
SD803C..C Series
10
100
1000
10000
0
0.5
11.5
22.5
33.5
44.5
T = 25°C
J
Instantaneous Forward Voltage (V)
T = 125°C
J
SD803C..C Series
0.001
0.01
0.1
0.001
0.01
0.1
1
10
100
Square Wave Pulse Duration (s)
Steady State Value
R
= 0.076 K/ W
(Single Side Cooled)
R
= 0.038 K/ W
(Double Side Cooled)
(DC Operation)
thJ-hs
thJ-hs
SD803C..C Series
1.6
1.7
1.8
1.9
2
2.1
2.2
0
0
1
0
1
Rate Of Fall Of Forward Current - d i/d t (A/ µs)
I
= 1000 A
Squa re Pulse
500 A
250 A
FM
SD803C..S10C Series
T = 125 °C; V = 30V
r
J
20
30
40
50
60
70
80
90
100
110
120
130
10 20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
I
= 1000 A
Square Pulse
FM
500 A
250 A
SD803C..S10C Series
T = 125 °C; V = 30V
r
J


Similar Part No. - SD803C04S10C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD803C04S10C VISHAY-SD803C04S10C Datasheet
334Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 845 A
Revision: 04-Aug-08
More results

Similar Description - SD803C04S10C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD803CC VISHAY-VS-SD803CC Datasheet
362Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 845 A
Revision: 14-Jan-14
VS-SD803CC VISHAY-VS-SD803CC_V01 Datasheet
346Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 845 A
01-Jan-2022
SD803C04S10C VISHAY-SD803C04S10C Datasheet
334Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 845 A
Revision: 04-Aug-08
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com