Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD403C04S10C Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SD403C04S10C
Description  Fast Recovery Diodes (Hockey PUK Version), 430 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD403C04S10C Datasheet(HTML) 5 Page - Vishay Siliconix

  SD403C04S10C Datasheet HTML 1Page - Vishay Siliconix SD403C04S10C Datasheet HTML 2Page - Vishay Siliconix SD403C04S10C Datasheet HTML 3Page - Vishay Siliconix SD403C04S10C Datasheet HTML 4Page - Vishay Siliconix SD403C04S10C Datasheet HTML 5Page - Vishay Siliconix SD403C04S10C Datasheet HTML 6Page - Vishay Siliconix SD403C04S10C Datasheet HTML 7Page - Vishay Siliconix SD403C04S10C Datasheet HTML 8Page - Vishay Siliconix SD403C04S10C Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 93175
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 04-Aug-08
5
SD403C..C Series
Fast Recovery Diodes
(Hockey PUK Version), 430 A
Vishay High Power Products
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - Forward Voltage Drop Characteristics
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
Fig. 11 - Recovery Time Characteristics
Fig. 12 - Recovery Charge Characteristics
20 00
25 00
30 00
35 00
40 00
45 00
50 00
55 00
60 00
0
0
1
0
1
1
Num b er O f Eq u a l A m p litud e H a lf Cy cle C urrent Pulses (N )
In it ia l T = 1 2 5° C
@ 60 H z 0.0 083 s
@ 50 H z 0.0 100 s
J
At An y R a t e d L o a d C o n d it io n An d W it h
R a t e d V
A p p lie d Fo llo w in g S u rg e .
RR M
SD 4 0 3 C ..C Se rie s
10 0 0
20 0 0
30 0 0
40 0 0
50 0 0
60 0 0
70 0 0
1
1
.
0
1
0
.
0
Pulse Train Duration (s)
Versus Pulse Train D uration .
Maxim um Non Rep etitive Surge Current
Initial T = 12 5°C
No Voltage Reapplied
Rated V
Reapplied
RR M
J
SD 403C..C Series
10
100
1000
10000
01
23
456
7
In st an ta n e o us Fo rw ar d V o lta g e ( V )
T = 2 5 °C
J
T = 125 °C
J
SD 403C . .C Se r ie s
0. 00 1
0. 01
0. 1
1
0. 00 1
0 . 0 1
0 . 1
1
1 0
1 00
S q u a re W a v e P u lse D u ra tio n ( s)
Ste a d y St a t e V a lu e
R
= 0 . 1 6 K /W
(S in g le Sid e C o o le d )
R
= 0 . 0 8 K /W
( D oub le S id e C o o led )
(D C O p e ra t io n )
thJ -hs
thJ - hs
SD 4 0 3 C . . C S e rie s
1. 6
1. 8
2
2. 2
2. 4
2. 6
2. 8
0
0
1
0
1
Ra t e Of F a ll Of F orw a rd Current - d i/d t (A /µs )
20 0 A
I
= 750 A
Sq ua re Puls e
40 0 A
FM
SD 4 0 3 C . . S1 0 C Se rie s
T = 1 2 5 ° C ; V
= 3 0 V
r
J
10
20
30
40
50
60
70
80
90
10 0
11 0
12 0
13 0
14 0
0
2 04 06 08 0
1 0 0
R a te O f Fa ll O f Fo rw ard C urre nt - di/d t (A /µs)
200 A
400 A
I
= 7 50 A
Sq ua re Pulse
FM
SD 4 0 3 C .. S1 0 C Se rie s
T = 1 2 5 ° C ; V
= 3 0 V
r
J


Similar Part No. - SD403C04S10C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD403C04S10C IRF-SD403C04S10C Datasheet
163Kb / 7P
   FAST RECOVERY DIODES
logo
Vishay Siliconix
SD403C04S10C VISHAY-SD403C04S10C Datasheet
218Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 430 A
Revision: 04-Aug-08
More results

Similar Description - SD403C04S10C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD403CC VISHAY-VS-SD403CC Datasheet
276Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 430 A
Revision: 15-Apr-14
SD403C04S10C VISHAY-SD403C04S10C Datasheet
218Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 430 A
Revision: 04-Aug-08
VS-SD403CC VISHAY-VS-SD403CC_V01 Datasheet
261Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 430 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com