Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD400C12C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SD400C12C
Description  Standard Recovery Diodes (Hockey PUK Version), 800 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD400C12C Datasheet(HTML) 3 Page - Vishay Siliconix

  SD400C12C Datasheet HTML 1Page - Vishay Siliconix SD400C12C Datasheet HTML 2Page - Vishay Siliconix SD400C12C Datasheet HTML 3Page - Vishay Siliconix SD400C12C Datasheet HTML 4Page - Vishay Siliconix SD400C12C Datasheet HTML 5Page - Vishay Siliconix SD400C12C Datasheet HTML 6Page - Vishay Siliconix SD400C12C Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 93547
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 05-Mar-08
3
SD400C..C Series
Standard Recovery Diodes
(Hockey PUK Version), 800 A
Vishay High Power Products
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - Forward Power Loss Characteristics
Fig. 6 - Forward Power Loss Characteristics
20
40
60
80
100
120
140
160
180
200
0
1 0 0
20 0
300
4 00
50 0
600
30°
60°
90°
120°
180°
A vera g e Forw a rd C urren t (A)
Co nd uc tio n A ngle
SD 400C ..C Series
(Sin gle Side C ooled)
R
(D C ) = 0.163 K/W
thJ-hs
20
40
60
80
100
120
140
160
180
200
0
1 00 2 0 0 3 0 0 40 0 500 60 0 700 800 90 0
30°
60°
90°
180°
DC
120°
Averag e Forw ard C urrent (A)
Co nd uc tion P e rio d
SD 400C ..C Se rie s
(Sing le Side C ooled)
R
(D C ) = 0.163 K/W
th J-hs
0
20
40
60
80
100
120
140
160
180
200
02 0 0
4 00
60 0
8 0 0
1 0 0 0
30°
60°
90°
120°
180°
A ve rag e Forw ard C urren t (A )
Co nd u ction A ng le
SD 400C ..C Series
(D oub le Sid e C ooled )
R
(D C ) = 0.073 K/W
thJ-h s
0
20
40
60
80
10 0
12 0
14 0
16 0
18 0
20 0
040 0
8 00
1 20 0
1 6 00
30°
60°
90°
180°
DC
120°
A vera g e Forw a rd C urren t (A )
Co nd uc tion P e rio d
SD 400C ..C Series
(D ouble Side C ooled)
R
(D C ) = 0.073 K/W
th J-hs
0
200
400
600
800
10 00
12 00
14 00
16 00
18 00
20 00
02 0 0
4 00
6 0 0
8 0 0
1 0 0 0
180°
120°
90°
60°
30°
RM S Lim it
Co nd uc tio n A n g le
A ve rag e Forw ard C urre n t (A )
SD 400C ..C Se rie s
T = 190 °C
J
0
50 0
10 00
15 00
20 00
25 00
0
4 00
80 0
1 2 00
1 6 0 0
DC
180°
120°
90°
60°
30°
RM S Lim it
C o nd uc tion P eriod
Avera g e Forw ard C urren t (A )
SD 400C ..C S erie s
T = 190 °C
J


Similar Part No. - SD400C12C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD400C12C VISHAY-SD400C12C Datasheet
132Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 800 A
Revision: 05-Mar-08
More results

Similar Description - SD400C12C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD400C04C VISHAY-SD400C04C Datasheet
132Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 800 A
Revision: 05-Mar-08
VS-SD400CC VISHAY-VS-SD400CC_V01 Datasheet
187Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 800 A
01-Jan-2022
VS-SD400CC VISHAY-VS-SD400CC Datasheet
203Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 800 A
Revision: 15-Apr-14
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com