Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD303C10S10C Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SD303C10S10C
Description  Fast Recovery Diodes (Hockey PUK Version), 350 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD303C10S10C Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SD303C10S10C Datasheet HTML 3Page - Vishay Siliconix SD303C10S10C Datasheet HTML 4Page - Vishay Siliconix SD303C10S10C Datasheet HTML 5Page - Vishay Siliconix SD303C10S10C Datasheet HTML 6Page - Vishay Siliconix SD303C10S10C Datasheet HTML 7Page - Vishay Siliconix SD303C10S10C Datasheet HTML 8Page - Vishay Siliconix SD303C10S10C Datasheet HTML 9Page - Vishay Siliconix SD303C10S10C Datasheet HTML 10Page - Vishay Siliconix SD303C10S10C Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Document Number: 93174
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 04-Aug-08
7
SD303C..C Series
Fast Recovery Diodes
(Hockey PUK Version), 350 A
Vishay High Power Products
Fig. 18 - Recovery Time Characteristics
Fig. 19 - Recovery Charge Characteristics
Fig. 20 - Recovery Current Characteristics
Fig. 21 - Maximum Total Energy Loss Per Pulse Characteristics
2.4
2.6
2.8
3
3.2
3.4
3.6
0
0
1
0
1
Ra te O f F a ll O f F o rwa rd Curre nt - d i/d t (A /µs )
400 A
20 0 A
I
= 75 0 A
Sq ua re Puls e
FM
SD30 3C ..S20C Se ries
T = 125 °C , V = 30V
J
r
50
10 0
15 0
20 0
25 0
30 0
10 20 30 4 0 50 60 70 80 90 100
Ra te O f Fall O f Fo rw ard Current - di/d t (A /µs)
400 A
20 0 A
I
= 750 A
Sq ua re Puls e
FM
SD 3 0 3 C .. S2 0 C Se rie s
T = 1 2 5 ° C , V
= 3 0 V
J
r
20
30
40
50
60
70
80
90
100
110
120
130
10 20 3 0 40 50 60 70 80 90 10 0
Ra te Of F a ll Of F orw a rd Current - d i/d t (A/µs )
400 A
200 A
I
= 750 A
Sq ua re Pu lse
FM
SD 303C . .S 20C S e rie s
T = 125 °C , V
= 30V
J
r
1E 1
1E 2
1E 3
1E 4
1E 1
1 E 2
1E 3
1 E4
1
2
0.1
Pu lse B a se w id t h ( µ s)
4
d v /d t = 1000V / µs
Sin uso ida l Pul se
20 jo ules p e r p ulse
10
0.4
0.2
0. 04
0.02
0.0 1
SD 3 0 3C ..S10 C S e ri es
T = 1 25°C , V
= 1 1 2 0 V
J
RR M
tp
1E1
1 E 2
1 E 3
1 E 4
1
2
0.1
Pulse Ba se w id t h ( µ s)
4
20 jo u le s p er p uls e
10
0.4
0.2
Tr ape zo id al Pul se
dv / dt = 1 0 00 V/ µs ; di/ dt =5 0 A/ µ s
SD 30 3C ..S1 0C Se rie s
T = 125°C , V
= 1120V
J
RRM
tp


Similar Part No. - SD303C10S10C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD303C10S10C IRF-SD303C10S10C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
logo
Vishay Siliconix
SD303C10S10C VISHAY-SD303C10S10C Datasheet
263Kb / 10P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 04-Aug-08
More results

Similar Description - SD303C10S10C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD303CC VISHAY-VS-SD303CC_V01 Datasheet
290Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
01-Jan-2022
SD303C04S10C VISHAY-SD303C04S10C Datasheet
263Kb / 10P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 04-Aug-08
VS-SD303CC VISHAY-VS-SD303CC Datasheet
306Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 350 A
Revision: 15-Apr-14
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com