Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBD7000-V-G Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MMBD7000-V-G
Description  Small Signal Switching Diode, Dual
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMBD7000-V-G Datasheet(HTML) 1 Page - Vishay Siliconix

  MMBD7000-V-G Datasheet HTML 1Page - Vishay Siliconix MMBD7000-V-G Datasheet HTML 2Page - Vishay Siliconix MMBD7000-V-G Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBD7000-V-G
Document Number 85873
Rev. 1.0, 13-May-11
Vishay Semiconductors
www.vishay.com
1
18109
12
3
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Switching Diode, Dual
Features
• Silicon Epitaxial Planar Diode
• Fast switching dual diode, especially
suited for automatic insertion
• AEC-Q101 qualified
• Compliant to RoHS Directive 2002/95/EC
and in accordance to WEEE 2002/96/EC
Mechanical Data
Case: SOT-23
Weight: approx. 8.1 mg
Packaging Codes/Options:
18 / 10 k per 13" reel (8 mm tape), 10 k/box
08 / 3 k per 7" reel (8 mm tape), 15 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902
Part
Ordering code
Type Marking
Remarks
MMBD7000-V-G
MMBD7000-V-G-18 or MMBD7000-V-G-08
M5G
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
100
V
Forward current (continuous)
IF
200
mA
Non-repetitive peak forward
current
t = 1 s
IFSM
500
mA
Power dissipation
on FR-5 board
Ptot
225
mW
Derate above 25 °C
Ptot
1.8
mW/K
Total device dissipation
on Alumina substrate
Ptot
300
mW
Derate above 25 °C
Ptot
2.4
mW/K


Similar Part No. - MMBD7000-V-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMBD7000-V-GS08 VISHAY-MMBD7000-V-GS08 Datasheet
99Kb / 4P
   Small Signal Switching Diode, Dual
Rev. 1.3, 07-Apr-05
MMBD7000-V-GS18 VISHAY-MMBD7000-V-GS18 Datasheet
99Kb / 4P
   Small Signal Switching Diode, Dual
Rev. 1.3, 07-Apr-05
More results

Similar Description - MMBD7000-V-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV23C-G VISHAY-BAV23C-G Datasheet
100Kb / 5P
   Small Signal Switching Diode, Dual
Rev. 1.3, 17-May-13
BAV70-G VISHAY-BAV70-G Datasheet
91Kb / 4P
   Small Signal Switching Diode, Dual
Rev. 1.0, 16-May-13
MMBD7000 VISHAY-MMBD7000 Datasheet
77Kb / 3P
   Small Signal Switching Diode, Dual
Rev. 1.5, 15-May-13
BAW56-GS08 VISHAY-BAW56-GS08 Datasheet
462Kb / 4P
   Small Signal Switching Diode, Dual
Rev. 1.6, 09-Jul-04
BAV70-V VISHAY-BAV70-V_12 Datasheet
99Kb / 4P
   Small Signal Switching Diode, Dual
Rev. 1.8, 12-Aug-10
BAV99-V VISHAY-BAV99-V_12 Datasheet
102Kb / 4P
   Small Signal Switching Diode, Dual
Rev. 1.8, 12-Aug-10
BAV99-V VISHAY-BAV99-V Datasheet
180Kb / 5P
   Small Signal Switching Diode, Dual
Rev. 1.7, 09-Mar-06
MMBD7000-G VISHAY-MMBD7000-G_V01 Datasheet
91Kb / 3P
   Small Signal Switching Diode, Dual
01-Jan-2022
BAV23C-G VISHAY-BAV23C-G_V01 Datasheet
110Kb / 5P
   Small Signal Switching Diode, Dual
01-Jan-2022
BAV23CG VISHAY-BAV23CG Datasheet
110Kb / 5P
   Small Signal Switching Diode, Dual
Rev. 1.5, 13-Feb-18
BAW56-G VISHAY-BAW56-G Datasheet
90Kb / 4P
   Small Signal Switching Diode, Dual
Rev. 1.1, 25-Jun-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com