Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS107 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BS107
Description  SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BS107 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BS107 Datasheet HTML 1Page - Siemens Semiconductor Group BS107 Datasheet HTML 2Page - Siemens Semiconductor Group BS107 Datasheet HTML 3Page - Siemens Semiconductor Group BS107 Datasheet HTML 4Page - Siemens Semiconductor Group BS107 Datasheet HTML 5Page - Siemens Semiconductor Group BS107 Datasheet HTML 6Page - Siemens Semiconductor Group BS107 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Semiconductor Group
3
12/05/1997
BS 107
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
VDS≥ 2 * ID * RDS(on)max, ID = 0.12 A
gfs
0.06
0.17
-
S
Input capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Ciss
-
60
80
pF
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Coss
-
8
12
Reverse transfer capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Crss
-
3.5
5
Turn-on delay time
VDD = 30 V, VGS = 10 V, ID = 0.24 A
RG = 50 Ω
td(on)
-
5
8
ns
Rise time
VDD = 30 V, VGS = 10 V, ID = 0.24 A
RG = 50 Ω
tr
-
8
12
Turn-off delay time
VDD = 30 V, VGS = 10 V, ID = 0.24 A
RG = 50 Ω
td(off)
-
12
16
Fall time
VDD = 30 V, VGS = 10 V, ID = 0.24 A
RG = 50 Ω
tf
-
15
20


Similar Part No. - BS107

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BS107 MOTOROLA-BS107 Datasheet
76Kb / 4P
   TMOS Switching(N-Channel-Enhancement)
logo
NXP Semiconductors
BS107 PHILIPS-BS107 Datasheet
65Kb / 12P
   N-channel enhancement mode vertical D-MOS transistor
April 1995
logo
Diodes Incorporated
BS107 DIODES-BS107 Datasheet
61Kb / 2P
   N-CHANNEL ENHANCEMENT MODE TRANSISTOR
DA21804 Rev. C-3
logo
Vishay Siliconix
BS107 VISHAY-BS107 Datasheet
45Kb / 4P
   N-Channel 200-V (D-S) MOSFETs
Rev. C, 16-Jul-01
logo
ON Semiconductor
BS107 ONSEMI-BS107 Datasheet
52Kb / 8P
   Small Signal MOSFET 250 mAmps, 200 Volts
November, 2000 ??Rev. 2
More results

Similar Description - BS107

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP296 SIEMENS-BSP296 Datasheet
172Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS123 SIEMENS-BSS123 Datasheet
133Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS295 SIEMENS-BSS295 Datasheet
78Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS98 SIEMENS-BSS98 Datasheet
78Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSP297 SIEMENS-BSP297 Datasheet
172Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS100 SIEMENS-BSS100 Datasheet
79Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS87 SIEMENS-BSS87 Datasheet
130Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS131 SIEMENS-BSS131 Datasheet
131Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS138 SIEMENS-BSS138 Datasheet
138Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS89 SIEMENS-BSS89 Datasheet
79Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com