Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

300UR40A Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 300UR40A
Description  Standard Recovery Diodes (Stud Version), 300 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

300UR40A Datasheet(HTML) 6 Page - Vishay Siliconix

  300UR40A Datasheet HTML 1Page - Vishay Siliconix 300UR40A Datasheet HTML 2Page - Vishay Siliconix 300UR40A Datasheet HTML 3Page - Vishay Siliconix 300UR40A Datasheet HTML 4Page - Vishay Siliconix 300UR40A Datasheet HTML 5Page - Vishay Siliconix 300UR40A Datasheet HTML 6Page - Vishay Siliconix 300UR40A Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Document Number: 95340
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 24-Jul-08
1
DO-205AB (DO-9) and B-26 for 300U(R) Series
Outline Dimensions
Vishay Semiconductors
DIMENSIONS FOR 300U(R)-A SERIES - DO-205AB (DO-9) in millimeters (inches)
DIMENSIONS FOR 302U(R)-A SERIES - B-26 in millimeters (inches)
19.18 (0.755)
MAX.
Ø 8.89 (0.350)
Ø 8.38 (0.330)
11.51 (0.453)
10.74 (0.423)
3.18 (0.125)
MAX.
Unthreaded
portion
3/4"-16UNF-2A
for metric device: M16 x 1.5
contact factory
Ø 19.02 (0.749)
MAX.
31.75 (1.250)
30.94 (1.218)
Across flats
9.27 (0.365)
7.87 (0.310)
Ø 27.94 (1.10)
MAX.
4.32
(0.170)
MAX.
13.46 (0.530)
11.94 (0.470)
149.9 (5.90)
134.6 (5.30)
53.34 (2.10)
MAX.
21.03 (0.83)
20.14 (0.79)
Ø 9.50 (0.374)
MAX.
16.51 (0.65)
14.99 (0.59)
18.29 (0.72)
16.76 (0.66)
Ø 27.94 (1.10)
MAX.
9.27 (0.365)
7.87 (0.310)
31.75 (1.250) MAX.
Across flats
3/4"-16UNF-2A
3.18 (0.125)
MAX.
Ø 19.02 (0.749)
MAX.
3/8"-24UNF-2A
58.67 (2.31)
55.63 (2.19)
28.45 (1.12)
MAX.
21.03 (0.828)
20.14 (0.793)
Across flats


Similar Part No. - 300UR40A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
300UR40A IRF-300UR40A Datasheet
182Kb / 7P
   STANDARD RECOVERY DIODES
300UR40A IRF-300UR40A Datasheet
188Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
300UR40A VISHAY-300UR40A Datasheet
107Kb / 6P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 24-Jun-08
More results

Similar Description - 300UR40A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-300UR VISHAY-VS-300UR Datasheet
165Kb / 7P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
301U VISHAY-301U Datasheet
175Kb / 8P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 23-Jun-08
300HFL VISHAY-300HFL Datasheet
102Kb / 6P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 02-Jun-08
VS-301UR VISHAY-VS-301UR Datasheet
407Kb / 12P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
300UR VISHAY-300UR Datasheet
107Kb / 6P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 24-Jun-08
301U VISHAY-301U_12 Datasheet
375Kb / 12P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 23-Jun-08
VS-70U VISHAY-VS-70U Datasheet
179Kb / 7P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 26-Mar-14
VS-300U VISHAY-VS-300U_V01 Datasheet
166Kb / 7P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
VS-301U VISHAY-VS-301U_V01 Datasheet
407Kb / 12P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com