Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

150KRS40 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 150KRS40
Description  Standard Recovery Diodes (Stud Version), 150 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

150KRS40 Datasheet(HTML) 1 Page - Vishay Siliconix

  150KRS40 Datasheet HTML 1Page - Vishay Siliconix 150KRS40 Datasheet HTML 2Page - Vishay Siliconix 150KRS40 Datasheet HTML 3Page - Vishay Siliconix 150KRS40 Datasheet HTML 4Page - Vishay Siliconix 150KRS40 Datasheet HTML 5Page - Vishay Siliconix 150KRS40 Datasheet HTML 6Page - Vishay Siliconix 150KRS40 Datasheet HTML 7Page - Vishay Siliconix 150KRS40 Datasheet HTML 8Page - Vishay Siliconix 150KRS40 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 93489
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 21-May-08
1
Standard Recovery Diodes
(Stud Version), 150 A
45L(R), 150K(R), 150KS(R) Series
Vishay High Power Products
FEATURES
• Alloy diode
• High current carrying capability
• High surge current capabilities
• Stud cathode and stud anode version
• RoHS compliant
• Designed and qualified for industrial level
TYPICAL APPLICATIONS
• Battery chargers
•Welders
• Machine tool controls
• High power drives
• Medium traction applications
• Freewheeling diodes
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IF(AV)
150 A
DO-205AA (DO-8)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IF(AV)
150
A
TC
150
°C
IF(RMS)
235
A
IFSM
50 Hz
3570
A
60 Hz
3740
I2t
50 Hz
64
kA2s
60 Hz
58
VRRM
Range
100 to 600
V
TJ
- 40 to 200
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ = 175 °C
mA
45L(R)
150K(R)
150KS(R)
10
100
200
35
20
200
300
30
300
400
40
400
500
60
600
720


Similar Part No. - 150KRS40

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
150KR NJSEMI-150KR Datasheet
66Kb / 2P
   Standard Recovery Diodes (Stud Version), 150 A
150KR NJSEMI-150KR Datasheet
126Kb / 4P
   STANDARD RECOVERY DIODES
logo
Naina Semiconductor ltd...
150KR10 NAINA-150KR10 Datasheet
87Kb / 1P
   SILICON POWER DIODE
logo
New Jersey Semi-Conduct...
150KR10 NJSEMI-150KR10 Datasheet
66Kb / 2P
   Standard Recovery Diodes (Stud Version), 150 A
logo
Naina Semiconductor ltd...
150KR100 NAINA-150KR100 Datasheet
87Kb / 1P
   SILICON POWER DIODE
More results

Similar Description - 150KRS40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-150U VISHAY-VS-150U Datasheet
137Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 30-May-16
VS-45L VISHAY-VS-45L Datasheet
213Kb / 9P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 25-Nov-13
VS-150U VISHAY-VS-150U_V01 Datasheet
154Kb / 7P
   Standard Recovery Diodes, (Stud Version), 150 A
01-Jan-2022
VS-45LR VISHAY-VS-45LR_V01 Datasheet
196Kb / 9P
   Standard Recovery Diodes, (Stud Version), 150 A
01-Jan-2022
150U60D VISHAY-150U60D Datasheet
99Kb / 6P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
logo
New Jersey Semi-Conduct...
45L NJSEMI-45L Datasheet
66Kb / 2P
   Standard Recovery Diodes (Stud Version), 150 A
logo
Vishay Siliconix
45LR VISHAY-45LR Datasheet
166Kb / 6P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
VS-45LR VISHAY-VS-45LR Datasheet
214Kb / 9P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 25-Nov-13
150U60D VISHAY-150U60D_12 Datasheet
115Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com