Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

301UR160 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 301UR160
Description  Standard Recovery Diodes (Stud Version), 300 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

301UR160 Datasheet(HTML) 5 Page - Vishay Siliconix

  301UR160 Datasheet HTML 1Page - Vishay Siliconix 301UR160 Datasheet HTML 2Page - Vishay Siliconix 301UR160 Datasheet HTML 3Page - Vishay Siliconix 301UR160 Datasheet HTML 4Page - Vishay Siliconix 301UR160 Datasheet HTML 5Page - Vishay Siliconix 301UR160 Datasheet HTML 6Page - Vishay Siliconix 301UR160 Datasheet HTML 7Page - Vishay Siliconix 301UR160 Datasheet HTML 8Page - Vishay Siliconix 301UR160 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Document Number: 93509
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 23-Jun-08
5
301U(R) Series
Standard Recovery Diodes
(Stud Version), 300 A
Vishay High Power Products
Fig. 8 - Forward Power Loss Characteristics
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
Fig. 11 - Maximum Non-Repetitive Surge Current
Fig. 12 - Maximum Non-Repetitive Surge Current
20
40
60
80
100 120 140 160 180
Maximum Allowable Ambient Temperature (°C)
R
=
0.1
K/
W
- D
elta
R
0.2
K/
W
0.3
K/W
1.5 K/W
3 K/W
0.7 K/
W
0
100
200
300
400
500
600
0
100
200
300
400
500
DC
180°
120°
90°
60°
30°
RMSLimit
Conduction Period
Average Forward Current (A)
T = 180°C
301U(R) Series (2500V)
J
2000
3000
4000
5000
6000
7000
8000
110
100
Numb er Of Eq ua l Amplitude Half Cyc le Current Pulses (N)
Initial T = 180°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
301U(R) Series
(1600V to 2000V)
1000
2000
3000
4000
5000
6000
7000
8000
9000
0.01
0.1
1
Pulse Train Duration (s)
Versus Pulse Train Duration.
Initial T = 180 °C
No Voltage Reapplied
Rated V
Reapplied
Maximum Non Repetitive Surge Current
RRM
J
301U(R) Series
(1600V to 2000V)
1500
2000
2500
3000
3500
4000
4500
5000
5500
6000
110
100
Numb er Of Equa l Amplitud e Half Cyc le Current Pulses (N)
Initial T = 180°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
301U(R) Series (2500V)
1000
2000
3000
4000
5000
6000
0.01
0.1
1
Pulse Train Duration (s)
Versus Pulse Train Duration.
Initial T = 180 °C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
Maximum Non Repetitive Surge Current
301U(R) Series(2500V)


Similar Part No. - 301UR160

ManufacturerPart #DatasheetDescription
logo
International Rectifier
301UR IRF-301UR Datasheet
267Kb / 8P
   STANDARD RECOVERY DIODES Stud Version
301UR250P2 IRF-301UR250P2 Datasheet
267Kb / 8P
   STANDARD RECOVERY DIODES
301UR250P3 IRF-301UR250P3 Datasheet
267Kb / 8P
   STANDARD RECOVERY DIODES
301UR250P4 IRF-301UR250P4 Datasheet
267Kb / 8P
   STANDARD RECOVERY DIODES
301UR250P5 IRF-301UR250P5 Datasheet
267Kb / 8P
   STANDARD RECOVERY DIODES
More results

Similar Description - 301UR160

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-300UR VISHAY-VS-300UR Datasheet
165Kb / 7P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
301U VISHAY-301U Datasheet
175Kb / 8P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 23-Jun-08
300HFL VISHAY-300HFL Datasheet
102Kb / 6P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 02-Jun-08
300U VISHAY-300U_12 Datasheet
127Kb / 7P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 24-Jun-08
VS-301UR VISHAY-VS-301UR Datasheet
407Kb / 12P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
300UR VISHAY-300UR Datasheet
107Kb / 6P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 24-Jun-08
VS-70U VISHAY-VS-70U Datasheet
179Kb / 7P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 26-Mar-14
VS-300U VISHAY-VS-300U_V01 Datasheet
166Kb / 7P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
VS-301U VISHAY-VS-301U_V01 Datasheet
407Kb / 12P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com