Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

300U10 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 300U10
Description  Standard Recovery Diodes (Stud Version), 300 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

300U10 Datasheet(HTML) 3 Page - Vishay Siliconix

  300U10 Datasheet HTML 1Page - Vishay Siliconix 300U10 Datasheet HTML 2Page - Vishay Siliconix 300U10 Datasheet HTML 3Page - Vishay Siliconix 300U10 Datasheet HTML 4Page - Vishay Siliconix 300U10 Datasheet HTML 5Page - Vishay Siliconix 300U10 Datasheet HTML 6Page - Vishay Siliconix 300U10 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 93508
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 24-Jun-08
3
300U(R) Series
Standard Recovery Diodes
(Stud Version), 300 A
Vishay High Power Products
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Average Forward Current (A)
120
140
160
180
200
0
50
100 150 200 250 300 350
30°
60°
90°
120°
180°
Conduction Angle
300U(R) Series
RthJC (DC) = 0.18 K/W
Average Forward Current (A)
110
120
130
140
150
160
170
180
190
200
0
100
200
300
400
500
DC
30°
60°
90°
120°
180°
Conduction Period
300U(R) Series
RthJC (DC) = 0.18 K/W
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
0
50
100
150
200
250
300
350
400
0
RMS Limit
180°
120°
90°
60°
30°
Conduction Angle
300U(R)..D Series
Tj = 200°C
25
50
75
100 125 150 175 200
3 K/W
1.5 K/
W
1 K/
W
0.7
K/
W
0.5
K/W
0.4
K/
W
0.3
K/
W
0.2
K
/W
0
50
100 150 200 250 300 350
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
25
50
75
100 125 150 175 200
3 K/W
1.5 K/W
1 K/W
0.7
K/W
0.3
K/
W
0.2
K/
W
0.5
K/
W
0
50
100
150
200
250
300
350
400
450
500
0
100
200
300
400
500
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
300U(R) Series
Tj = 200°C


Similar Part No. - 300U10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
300U10 IRF-300U10 Datasheet
188Kb / 7P
   STANDARD RECOVERY DIODES
logo
Naina Semiconductor ltd...
300U10 NAINA-300U10 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
logo
International Rectifier
300U100 IRF-300U100 Datasheet
188Kb / 7P
   STANDARD RECOVERY DIODES
logo
Naina Semiconductor ltd...
300U100 NAINA-300U100 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
logo
International Rectifier
300U100A IRF-300U100A Datasheet
188Kb / 7P
   STANDARD RECOVERY DIODES
More results

Similar Description - 300U10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-300UR VISHAY-VS-300UR Datasheet
165Kb / 7P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
301U VISHAY-301U Datasheet
175Kb / 8P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 23-Jun-08
300HFL VISHAY-300HFL Datasheet
102Kb / 6P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 02-Jun-08
VS-301UR VISHAY-VS-301UR Datasheet
407Kb / 12P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
300UR VISHAY-300UR Datasheet
107Kb / 6P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 24-Jun-08
301U VISHAY-301U_12 Datasheet
375Kb / 12P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 23-Jun-08
VS-70U VISHAY-VS-70U Datasheet
179Kb / 7P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 26-Mar-14
VS-300U VISHAY-VS-300U_V01 Datasheet
166Kb / 7P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
VS-301U VISHAY-VS-301U_V01 Datasheet
407Kb / 12P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com