Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

85HFR20M Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 85HFR20M
Description  Standard Recovery Diodes, (Stud Version), 85 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

85HFR20M Datasheet(HTML) 7 Page - Vishay Siliconix

  85HFR20M Datasheet HTML 1Page - Vishay Siliconix 85HFR20M Datasheet HTML 2Page - Vishay Siliconix 85HFR20M Datasheet HTML 3Page - Vishay Siliconix 85HFR20M Datasheet HTML 4Page - Vishay Siliconix 85HFR20M Datasheet HTML 5Page - Vishay Siliconix 85HFR20M Datasheet HTML 6Page - Vishay Siliconix 85HFR20M Datasheet HTML 7Page - Vishay Siliconix 85HFR20M Datasheet HTML 8Page - Vishay Siliconix 85HFR20M Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 95342
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 29-Sep-08
1
DO-203AB (DO-5) for 85HF(R) and 86HF(R) Series
Outline Dimensions
Vishay Semiconductors
DIMENSIONS FOR 85HF(R) SERIES in millimeters (inches)
1/4" 28UNF-2A
for metric devices: M6 x 1
Ø 15.1 (0.59)
6.1/7
(0.24/0.27)
10.8 (0.42)
11.4 (0.45)
4 (0.16) MIN.
4 (0.16)
25.4 (1) MAX.
11.1 ± 0.4
(0.44 ± 0.02)
1.20 (0.04)
17.35 (0.68)


Similar Part No. - 85HFR20M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
85HFR20M VISHAY-85HFR20M Datasheet
130Kb / 7P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 19-Jun-08
logo
Naina Semiconductor ltd...
85HFR20M NAINA-85HFR20M Datasheet
78Kb / 1P
   SILICON POWER DIODE
logo
New Jersey Semi-Conduct...
85HFR20M NJSEMI-85HFR20M Datasheet
116Kb / 4P
   STANDARD RECOVERY DIODES
More results

Similar Description - 85HFR20M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-85HFR40M8 VISHAY-VS-85HFR40M8 Datasheet
172Kb / 8P
   Standard Recovery Diodes, (Stud Version), 85 A
01-Jan-2022
VS-85HFR VISHAY-VS-85HFR_V01 Datasheet
182Kb / 10P
   Standard Recovery Diodes, (Stud Version), 85 A
01-Jan-2022
85HF10 VISHAY-85HF10 Datasheet
130Kb / 7P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 19-Jun-08
VS-85HFR VISHAY-VS-85HFR Datasheet
183Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 07-Dec-16
85HF VISHAY-85HF Datasheet
145Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
86HFR80 VISHAY-86HFR80 Datasheet
145Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
VS-85HF40M8 VISHAY-VS-85HF40M8 Datasheet
143Kb / 7P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 12-Feb-14
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com