Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

150KS60 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 150KS60
Description  Standard Recovery Diodes (Stud Version), 150 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

150KS60 Datasheet(HTML) 6 Page - Vishay Siliconix

  150KS60 Datasheet HTML 1Page - Vishay Siliconix 150KS60 Datasheet HTML 2Page - Vishay Siliconix 150KS60 Datasheet HTML 3Page - Vishay Siliconix 150KS60 Datasheet HTML 4Page - Vishay Siliconix 150KS60 Datasheet HTML 5Page - Vishay Siliconix 150KS60 Datasheet HTML 6Page - Vishay Siliconix 150KS60 Datasheet HTML 7Page - Vishay Siliconix 150KS60 Datasheet HTML 8Page - Vishay Siliconix 150KS60 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Document Number: 95314
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 22-Jul-08
1
DO-205AC (DO-30), DO-205AA (DO-8)
and B-42 for 45L(R), 150K(R) and 150KS(R) Series
Outline Dimensions
Vishay Semiconductors
DIMENSIONS FOR 45L(R) SERIES - DO-205AC (DO-30) in millimeters (inches)
15.30 (0.60) MAX.
8.30 (0.327)
7.55 (0.297)
Ø 7.39 (0.297)
Ø 6.89 (0.271)
10.41 (0.410)
8.90 (0.350)
Ø 23.30 (0.92) MAX.
17 (0.69) MAX.
1/2"-20UNF-2A
27.00 (1.06) MAX.
Across flats
7.88 (0.310)
7.36 (0.290)
137.67 (5.42)
132.58 (5.22)
23.30 (0.917)
MAX.


Similar Part No. - 150KS60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150KS60 VISHAY-150KS60 Datasheet
166Kb / 6P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
logo
New Jersey Semi-Conduct...
150KS60 NJSEMI-150KS60 Datasheet
66Kb / 2P
   Standard Recovery Diodes (Stud Version), 150 A
150KS60 NJSEMI-150KS60 Datasheet
149Kb / 1P
   20 STERN AVE. SPRINGFIELD, NEW JERSEY 07081
More results

Similar Description - 150KS60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-150U VISHAY-VS-150U Datasheet
137Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 30-May-16
VS-45L VISHAY-VS-45L Datasheet
213Kb / 9P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 25-Nov-13
VS-150U VISHAY-VS-150U_V01 Datasheet
154Kb / 7P
   Standard Recovery Diodes, (Stud Version), 150 A
01-Jan-2022
VS-45LR VISHAY-VS-45LR_V01 Datasheet
196Kb / 9P
   Standard Recovery Diodes, (Stud Version), 150 A
01-Jan-2022
150U60D VISHAY-150U60D Datasheet
99Kb / 6P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
logo
New Jersey Semi-Conduct...
45L NJSEMI-45L Datasheet
66Kb / 2P
   Standard Recovery Diodes (Stud Version), 150 A
logo
Vishay Siliconix
45LR VISHAY-45LR Datasheet
166Kb / 6P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
VS-45LR VISHAY-VS-45LR Datasheet
214Kb / 9P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 25-Nov-13
150U60D VISHAY-150U60D_12 Datasheet
115Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com