Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80PFR120W Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 80PFR120W
Description  Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 80 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

80PFR120W Datasheet(HTML) 2 Page - Vishay Siliconix

  80PFR120W Datasheet HTML 1Page - Vishay Siliconix 80PFR120W Datasheet HTML 2Page - Vishay Siliconix 80PFR120W Datasheet HTML 3Page - Vishay Siliconix 80PFR120W Datasheet HTML 4Page - Vishay Siliconix 80PFR120W Datasheet HTML 5Page - Vishay Siliconix 80PFR120W Datasheet HTML 6Page - Vishay Siliconix 80PFR120W Datasheet HTML 7Page - Vishay Siliconix 80PFR120W Datasheet HTML 8Page - Vishay Siliconix 80PFR120W Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93526
2
Revision: 20-May-09
80PF(R)...(W) Series
Vishay High Power Products
Standard Recovery Diodes,
Generation 2 DO-5 (Stud Version), 80 A
Notes
(1) Recommended for pass-through holes
(2) Torque must be appliable only to hexagon and not to plastic structure, recommended for holed heatsink
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave
80
A
140
°C
Maximum RMS forward current
IF(RMS)
126
A
Maximum peak, one-cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = 150 °C
1500
A
t = 8.3 ms
1570
t = 10 ms
100 % VRRM
reapplied
1260
t = 8.3 ms
1320
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
11 250
A2s
t = 8.3 ms
10 230
t = 10 ms
100 % VRRM
reapplied
7950
t = 8.3 ms
7200
Maximum I2
√t for fusing
I2
√t
t = 0.1 ms to 10 ms, no voltage reapplied
112 500
A2
√s
Low level value of threshold voltage
VF(TO)
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.73
V
Low level value of forward
slope resistance
rf
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
3.0
m
Ω
Maximum forward voltage drop
VFM
Ipk = 220 A, TJ = 25 °C, tp = 400 µs rectangular wave
1.40
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating and
storage temperature range
TJ, TStg
- 55 to 180
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
0.30
K/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth, flat and greased
0.25
Maximum allowable
mounting torque (+ 0 %, - 10 %)
Not lubricated thread, tighting on nut (1)
3.4
(30)
N · m
(lbf · in)
Lubricated thread, tighting on nut (1)
2.3
(20)
Not lubricated thread, tighting on hexagon (2)
4.2
(37)
Lubricated thread, tighting on hexagon (2)
3.2
(28)
Approximate weight
15.8
g
0.56
oz.
Case style
See dimensions - link at the end of datasheet
DO-203AB (DO-5)


Similar Part No. - 80PFR120W

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80PFR120W IRF-80PFR120W Datasheet
143Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
80PFR120W VISHAY-80PFR120W Datasheet
129Kb / 6P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 80 A
Revision: 20-May-09
logo
Insel Rectifier India P...
80PFR120W IRI-80PFR120W Datasheet
448Kb / 7P
   STANDARD RECOVERY DIODES
More results

Similar Description - 80PFR120W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80PF40 VISHAY-80PF40 Datasheet
129Kb / 6P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 80 A
Revision: 20-May-09
80PF140 VISHAY-80PF140_12 Datasheet
146Kb / 8P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 80 A
Revision: 20-May-09
80PF140 VISHAY-80PF140 Datasheet
105Kb / 5P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 80 A
Revision: 01-Oct-08
VS-80PFRHVSERIES VISHAY-VS-80PFRHVSERIES Datasheet
180Kb / 8P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 80 A
01-Jan-2022
VS-80PF VISHAY-VS-80PF_V01 Datasheet
206Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (DO-203AB) (Stud Version), 80 A
01-Jan-2022
95PF40 VISHAY-95PF40_12 Datasheet
172Kb / 9P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 20-May-09
VS-50PFW VISHAY-VS-50PFW Datasheet
165Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 04-Dec-14
95PF140 VISHAY-95PF140_12 Datasheet
142Kb / 8P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 20-May-09
50PF40 VISHAY-50PF40 Datasheet
149Kb / 6P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 01-Oct-08
VS-95PF VISHAY-VS-95PF Datasheet
169Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 95 A
Revision: 04-Dec-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com