Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25FR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 25FR
Description  Standard Recovery Diodes (Stud Version), 25 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

25FR Datasheet(HTML) 1 Page - Vishay Siliconix

  25FR_12 Datasheet HTML 1Page - Vishay Siliconix 25FR_12 Datasheet HTML 2Page - Vishay Siliconix 25FR_12 Datasheet HTML 3Page - Vishay Siliconix 25FR_12 Datasheet HTML 4Page - Vishay Siliconix 25FR_12 Datasheet HTML 5Page - Vishay Siliconix 25FR_12 Datasheet HTML 6Page - Vishay Siliconix 25FR_12 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 93506
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 29-Sep-08
1
Standard Recovery Diodes
(Stud Version), 25 A
25F(R) Series
Vishay High Power Products
FEATURES
• High surge current capability
• Stud cathode and stud anode version
• Wide current range
• Types up to 1200 V VRRM
• RoHS compliant
TYPICAL APPLICATIONS
• Battery charges
• Converters
• Power supplies
• Machine tool controls
ELECTRICAL SPECIFICATIONS
Note
(1) Avalanche version only available from VRRM 400 V to 1200 V
PRODUCT SUMMARY
IF(AV)
25 A
DO-203AA (DO-4)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IF(AV)
25
A
TC
120
°C
IF(RMS)
40
A
IFSM
50 Hz
356
A
60 Hz
373
I2t
50 Hz
636
A2s
60 Hz
580
VRRM
Range
100 to 1200
V
TJ
- 65 to 175
°C
VOLTAGE RATINGS
TYPE
NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM
REPETITIVE PEAK
REVERSE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE
PEAK VOLTAGE
V
VR(BR), MINIMUM
AVALANCHE
VOLTAGE
V (1)
IRRM MAXIMUM
AT TJ = 175 °C
mA
25F(R)
10
100
150
-
12
20
200
275
-
40
400
500
500
60
600
725
750
80
800
950
950
100
1000
1200
1150
120
1200
1400
1350


Similar Part No. - 25FR_12

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
25FR-120 TEL-25FR-120 Datasheet
161Kb / 1P
   STANDARD RECOVERY DIODE
More results

Similar Description - 25FR_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
25FR VISHAY-25FR Datasheet
136Kb / 6P
   Standard Recovery Diodes(Stud Version), 25 A
Revision: 29-Sep-08
VS-25FR100 VISHAY-VS-25FR100 Datasheet
148Kb / 6P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 28-Jan-14
VS-25F120 VISHAY-VS-25F120 Datasheet
149Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 09-Apr-13
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
VS-SD300N VISHAY-VS-SD300N Datasheet
210Kb / 8P
   Standard Recovery Diodes (Stud Version), 380 A
Revision: 05-Aug-14
VS-150U VISHAY-VS-150U Datasheet
137Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 30-May-16
VS-45L VISHAY-VS-45L Datasheet
213Kb / 9P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com