Electronic Components Datasheet Search |
|
030-7380-002 Datasheet(PDF) 8 Page - ITT Industries |
|
030-7380-002 Datasheet(HTML) 8 Page - ITT Industries |
8 / 76 page Dimensions are shown in mm (inch) Dimensions subject to change 7 ZIF Connectors DL4 DL4 Product Introduction TheCannonDL4SeriesofZeroInsertion Force (ZIF) connectors fill the need in the commercial/industrial, aerospace/ military, computer and peripheral equipment marketplaces for low-cost, high performance multiple wire power and signal connectors. The DL4 Series is a panel mounted connector with easy actuating lever from the side. DL connectors feature: a minimum rated life of 20,000 complete mating and unmating cycles with no performance loss; can be mated and unmated in less than two seconds even with as many as 2496 contacts; and they cost less (often as much as 25% less) per mated line than singular high- density rack-and-panel connectors. Simple. Effective. Reliable. Durable. Combining their special design with commercial- grade materials and low cost crimp. PCB and wrappable hermaphroditic contacts, that may be hand or machine terminated, makes the DL Series of ZIF connectors the finest low-cost-per-mated- line I/O connectors available today. Materials and Finishes DL4 Insulator Glass filled thermoplastic, UL 94V-1 rated, Color: Gray DL4 Housing Frame Aluminum alloy, cadmium plated DL4 Mounting Plate Aluminum alloy, clear anodized Crimp Contact* Copper alloy, 50 µ inches gold over 50µ inches nickel in mating area, gold flash on balance Copper alloy, 20 µ inches gold over 50µ inches nickel in mating area, tin lead on balance Square Post Contact Copper alloy, 50 µ inches gold over 50µ inches nickel in mating area, gold flash on balance Copper alloy, 20 µ inches gold over 50µ inches nickel in mating area, gold flash on balance Actuating Camshaft Stainless steel, Passivated Insulator Retainer (Plug Only) Stainless steel, Passivated * Order crimp contacts separately, see pages 52-53. |
Similar Part No. - 030-7380-002 |
|
Similar Description - 030-7380-002 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |