Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFU725F Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFU725F
Description  NPN wideband silicon germanium RF transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFU725F Datasheet(HTML) 5 Page - NXP Semiconductors

  BFU725F Datasheet HTML 1Page - NXP Semiconductors BFU725F Datasheet HTML 2Page - NXP Semiconductors BFU725F Datasheet HTML 3Page - NXP Semiconductors BFU725F Datasheet HTML 4Page - NXP Semiconductors BFU725F Datasheet HTML 5Page - NXP Semiconductors BFU725F Datasheet HTML 6Page - NXP Semiconductors BFU725F Datasheet HTML 7Page - NXP Semiconductors BFU725F Datasheet HTML 8Page - NXP Semiconductors BFU725F Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BFU725F_N1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 3 November 2011
5 of 12
NXP Semiconductors
BFU725F/N1
NPN wideband silicon germanium RF transistor
[1]
Gp(max) is the maximum power gain, if K  1. If K  1 then Gp(max) =MSG.
PL(1dB)
output power at 1 dB gain
compression
IC =25 mA; VCE =2V; ZS =ZL =50 ; Tamb =25 C
f=1.5GHz
-
8.5
-
dBm
f=1.8GHz
-
9
-
dBm
f=2.4GHz
-
8.5
-
dBm
f=5.8GHz
-
8
-
dBm
IP3
third-order intercept point
IC =25 mA; VCE =2V; ZS =ZL =50 ; Tamb =25 C;
f2 =f1 + 1 MHz
f1 = 1.5 GHz
-
17
-
dBm
f1 = 1.8 GHz
-
17
-
dBm
f1 = 2.4 GHz
-
17
-
dBm
f1 = 5.8 GHz
-
19
-
dBm
Table 7.
Characteristics …continued
Tj =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min Typ
Max Unit
Tamb =25 C.
(1) IB =110 A
(2) IB = 100 A
(3) IB =90 A
(4) IB =80 A
(5) IB =70 A
(6) IB =60 A
(7) IB =50 A
(8) IB =40 A
(9) IB =30 A
(10) IB =20 A
(11) IB =10 A
Tamb =25 C.
(1) VCE =1V
(2) VCE = 1.5 V
(3) VCE =2V
Fig 2.
Collector current as a function of
collector-emitter voltage; typical values
Fig 3.
DC current gain a function of collector current;
typical values
VCE (V)
0
2.5
0.5
2.0
3.0
1.5
1.0
3.5
001aak271
10
20
30
IC
(mA)
0
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
001aak272
IC (mA)
030
20
10
300
250
350
400
hFE
200
(1)
(2)
(3)


Similar Part No. - BFU725F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFU725F NXP-BFU725F Datasheet
80Kb / 11P
   NPN wideband silicon germanium RF transistor
Rev. 01-13 July 2009
BFU725F NXP-BFU725F Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFU725F-N1 NXP-BFU725F-N1 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFU725F-N1 PHILIPS-BFU725F-N1 Datasheet
80Kb / 11P
   NPN silicon germanium microwave transistor for high speed, low noise applications in a plastic, 4-pin dual-emitter SOT343F package
Rev. 01-13 July 2009
BFU725F/N1 NXP-BFU725F/N1 Datasheet
80Kb / 11P
   NPN wideband silicon germanium RF transistor
Rev. 01-13 July 2009
More results

Similar Description - BFU725F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ON5088 PHILIPS-ON5088_15 Datasheet
74Kb / 9P
   NPN wideband silicon germanium RF transistor
Rev. 3-12 December 2012
BFU790F PHILIPS-BFU790F_15 Datasheet
129Kb / 12P
   NPN wideband silicon germanium RF transistor
Rev. 1-22 April 2011
BFU725F NXP-BFU725F Datasheet
80Kb / 11P
   NPN wideband silicon germanium RF transistor
Rev. 01-13 July 2009
BFU710F PHILIPS-BFU710F Datasheet
134Kb / 12P
   NPN wideband silicon germanium RF transistor
Rev. 1-20 April 2011
BFU760F NXP-BFU760F Datasheet
131Kb / 12P
   NPN wideband silicon germanium RF transistor
Rev. 1-29 April 2011
BFU790F PHILIPS-BFU790F Datasheet
129Kb / 12P
   NPN wideband silicon germanium RF transistor
Rev. 1-22 April 2011
BFU710F PHILIPS-BFU710F_15 Datasheet
134Kb / 12P
   NPN wideband silicon germanium RF transistor
Rev. 1-20 April 2011
BFU730LX PHILIPS-BFU730LX_15 Datasheet
152Kb / 13P
   NPN wideband silicon germanium RF transistor
Rev. 1-8 May 2013
BFU730F NXP-BFU730F Datasheet
136Kb / 12P
   NPN wideband silicon germanium RF transistor
Rev. 1-29 April 2011
BFU725F_N1 PHILIPS-BFU725F_N1_15 Datasheet
148Kb / 12P
   NPN wideband silicon germanium RF transistor
Rev. 2-3 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com