Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN11007 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # AN11007
Description  Single stage 5-6 GHz WLAN LNA with BFU730F
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AN11007 Datasheet(HTML) 1 Page - NXP Semiconductors

  AN11007 Datasheet HTML 1Page - NXP Semiconductors AN11007 Datasheet HTML 2Page - NXP Semiconductors AN11007 Datasheet HTML 3Page - NXP Semiconductors AN11007 Datasheet HTML 4Page - NXP Semiconductors AN11007 Datasheet HTML 5Page - NXP Semiconductors AN11007 Datasheet HTML 6Page - NXP Semiconductors AN11007 Datasheet HTML 7Page - NXP Semiconductors AN11007 Datasheet HTML 8Page - NXP Semiconductors AN11007 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
AN11007
Single stage 5-6 GHz WLAN LNA with BFU730F
Rev. 1 — 04 January 2011
Application note
document information
Info
Content
Keywords
BFU730F, LNA, 802.11a & 802.11n MIMO WLAN
Abstract
The document provides circuit, layout, BOM and performance information
on 5-6 GHz band LNA equipped with NXP’s BFU730F wide band
transistor.


Similar Part No. - AN11007

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN11006 PHILIPS-AN11006 Datasheet
922Kb / 26P
   Single stage 2.3_2.7GHz LNA with BFU730F
Rev 2-27 October 2011
More results

Similar Description - AN11007

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN11006 PHILIPS-AN11006 Datasheet
922Kb / 26P
   Single stage 2.3_2.7GHz LNA with BFU730F
Rev 2-27 October 2011
logo
Infineon Technologies A...
BGA758L7 INFINEON-BGA758L7_11 Datasheet
1Mb / 16P
   5-6 GHz LNA for WLAN
Revision 2.0, 2011-09-15
BGA758L7 INFINEON-BGA758L7 Datasheet
1Mb / 16P
   5-6 GHz LNA for WLAN
Revision 1.0, 2010-02-22
logo
NXP Semiconductors
AN11010 PHILIPS-AN11010 Datasheet
972Kb / 20P
   Single stage Ku band LNA using BFU730F
Rev. 1.0-11 January 2011
logo
TriQuint Semiconductor
TQL1600 TRIQUINT-TQL1600_15 Datasheet
130Kb / 1P
   5 GHz WLAN Switch / LNA FEM
logo
NXP Semiconductors
BGS8324 NXP-BGS8324 Datasheet
137Kb / 12P
   WLAN LNA Switch
Rev. 4-18 January 2017
BGS8358 NXP-BGS8358 Datasheet
114Kb / 12P
   WLAN LNA Switch
Rev. 4-18 January 2017
WLAN3002C NXP-WLAN3002C Datasheet
202Kb / 15P
   WLAN LNA switch
Rev. 6-19 July 2019
BGS8424 NXP-BGS8424 Datasheet
195Kb / 13P
   WLAN LNA Switch
Rev. 1.3 ??6 May 2019
BGS8458 NXP-BGS8458 Datasheet
186Kb / 13P
   WLAN LNA Switch
Rev. 2 ??24 September 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com