Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPX86 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BPX86
Description  NPN-Silizium-Fototransistor Zeilen Silicon NPN Phototransistor Arrays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BPX86 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BPX86 Datasheet HTML 1Page - Siemens Semiconductor Group BPX86 Datasheet HTML 2Page - Siemens Semiconductor Group BPX86 Datasheet HTML 3Page - Siemens Semiconductor Group BPX86 Datasheet HTML 4Page - Siemens Semiconductor Group BPX86 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Semiconductor Group
3
BPX 80
BPX 82 ... 89
Kollektorspitzenstrom,
τ < 10 µs
Collector surge current
I
CS
200
mA
Verlustleistung,
T
A = 25 °C
Total power dissipation
P
tot
90
mW
Wärmewiderstand
Thermal resistance
R
thJA
750
K/W
Kennwerte (
T
A = 25 °C, λ = 950 nm)
Characteristics
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Wellenlänge der max. Fotoempfindlichkeit
Wavelength of max. sensitivity
λ
S max
850
nm
Spektraler Bereich der Fotoempfindlichkeit
S = 10 % von S
max
Spectral range of sensitivity
S = 10 % of S
max
λ
440 ... 1070
nm
Bestrahlungsempfindliche Fläche
Radiant sensitive area
A
0.17
mm2
Abmessung der Chipfläche
Dimensions of chip area
L
× B
L
× W
0.6
× 0.6
mm
× mm
Abstand Chipoberfläche zu Gehäuseober-
fläche
Distance chip front to case surface
H
1.3 ... 1.9
mm
Halbwinkel
Half angle
ϕ± 18
Grad
deg.
Kapazität
Capacitance
V
CE = 0 V, f = 1 MHz, E = 0
C
CE
6pF
Dunkelstrom
Dark current
V
CE = 25 V, E = 0
I
CEO
25 (
≤ 200)
nA
Grenzwerte
Maximum Ratings (cont’d)
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit


Similar Part No. - BPX86

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
BPX86 OSRAM-BPX86 Datasheet
313Kb / 7P
   Lead (Pb) Free Product - RoHS Compliant
BPX86 OSRAM-BPX86 Datasheet
331Kb / 11P
   Miniature photointerrupters
BPX86 OSRAM-BPX86 Datasheet
331Kb / 11P
   Miniature photointerrupters
BPX86 OSRAM-BPX86 Datasheet
331Kb / 11P
   Miniature photointerrupters
BPX86 OSRAM-BPX86 Datasheet
331Kb / 11P
   Miniature photointerrupters
More results

Similar Description - BPX86

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH309 SIEMENS-SFH309 Datasheet
281Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309P SIEMENS-SFH309P Datasheet
274Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH302 SIEMENS-SFH302 Datasheet
207Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3400 SIEMENS-SFH3400 Datasheet
49Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3401 SIEMENS-SFH3401 Datasheet
46Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX38 SIEMENS-BPX38 Datasheet
315Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH300 SIEMENS-SFH300 Datasheet
232Kb / 5P
   .NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX81 SIEMENS-BPX81 Datasheet
210Kb / 4P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
LPT80A SIEMENS-LPT80A Datasheet
36Kb / 4P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX43 SIEMENS-BPX43 Datasheet
313Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com