Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9628-125EBZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9628-125EBZ
Description  12-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9628-125EBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9628-125EBZ Datasheet HTML 5Page - Analog Devices AD9628-125EBZ Datasheet HTML 6Page - Analog Devices AD9628-125EBZ Datasheet HTML 7Page - Analog Devices AD9628-125EBZ Datasheet HTML 8Page - Analog Devices AD9628-125EBZ Datasheet HTML 9Page - Analog Devices AD9628-125EBZ Datasheet HTML 10Page - Analog Devices AD9628-125EBZ Datasheet HTML 11Page - Analog Devices AD9628-125EBZ Datasheet HTML 12Page - Analog Devices AD9628-125EBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
AD9628
Rev. 0 | Page 9 of 44
TIMING SPECIFICATIONS
Table 5.
Parameter
Description
Limit
Unit
SYNC TIMING
REQUIREMENTS
t
SSYNC
SYNC to rising edge of CLK+ setup time
0.24
ns typ
t
HSYNC
SYNC to rising edge of CLK+ hold time
0.40
ns typ
SPI TIMING
REQUIREMENTS
t
DS
Setup time between the data and the rising edge of SCLK
2
ns min
t
DH
Hold time between the data and the rising edge of SCLK
2
ns min
t
CLK
Period of the SCLK
40
ns min
t
S
Setup time between CSB and SCLK
2
ns min
t
H
Hold time between CSB and SCLK
2
ns min
t
HIGH
SCLK pulse width high
10
ns min
t
LOW
SCLK pulse width low
10
ns min
t
EN_SDIO
Time required for the SDIO pin to switch from an input to an output relative
to the SCLK falling edge
10
ns min
t
DIS_SDIO
Time required for the SDIO pin to switch from an output to an input relative
to the SCLK rising edge
10
ns min
Timing Diagrams
tPD
tSKEW
tCH
tDCO
tCLK
N – 16
N – 17
N – 1
N + 1
N + 2
N + 3
N + 5
N + 4
N
N – 15
N – 14
N – 13
N – 12
VIN
CLK+
CLK–
CH A/CH B DATA
DCOA/DCOB
tA
Figure 2. CMOS Default Output Mode Data Output Timing


Similar Part No. - AD9628-125EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9628-125EBZ AD-AD9628-125EBZ Datasheet
1Mb / 42P
   12-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9628-125EBZ AD-AD9628-125EBZ Datasheet
1Mb / 43P
   1.8 V Dual Analog-to-Digital Converter
More results

Similar Description - AD9628-125EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9628 AD-AD9628_15 Datasheet
1Mb / 42P
   12-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9627 AD-AD9627 Datasheet
765Kb / 40P
   12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Rev. PrA
AD9608 AD-AD9608 Datasheet
1Mb / 40P
   10-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9265 AD-AD9265 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com