Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT87LV55 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT87LV55
Description  8-bit Microcontroller with 20K Bytes QuickFlash짰
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87LV55 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT87LV55 Datasheet HTML 1Page - ATMEL Corporation AT87LV55 Datasheet HTML 2Page - ATMEL Corporation AT87LV55 Datasheet HTML 3Page - ATMEL Corporation AT87LV55 Datasheet HTML 4Page - ATMEL Corporation AT87LV55 Datasheet HTML 5Page - ATMEL Corporation AT87LV55 Datasheet HTML 6Page - ATMEL Corporation AT87LV55 Datasheet HTML 7Page - ATMEL Corporation AT87LV55 Datasheet HTML 8Page - ATMEL Corporation AT87LV55 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
AT87LV55
3
The AT87LV55 provides the following standard features:
20K bytes of QuickFlash, 256 bytes of RAM, 32 I/O lines,
three 16-bit timer/counters, a six-vector, two-level interrupt
architecture, a full-duplex serial port, on-chip oscillator, and
clock circuitry. In addition, the AT87LV55 is designed with
static logic for operation down to zero frequency and sup-
ports two software selectable power saving modes. The
Idle Mod e st ops t he CPU wh ile allow ing th e RAM ,
timer/counters, serial port, and interrupt system to continue
functioning. The Power-down Mode saves the RAM con-
tents but freezes the oscillator, disabling all other chip func-
tions until the next external interrupt or hardware reset.
Pin Description
VCC
Supply voltage.
GND
Ground.
Port 0
Port 0 is an 8-bit open drain bidirectional I/O port. As an
output port, each pin can sink eight TTL inputs. When 1s
are written to port 0 pins, the pins can be used as high-
impedance inputs.
Port 0 can also be configured to be the multiplexed low-
order address/data bus during accesses to external pro-
gram and data memory. In this mode, P0 has internal pul-
lups.
Port 0 also receives the code bytes during QuickFlash pro-
gramming and outputs the code bytes during program veri-
fication. External pullups are required during program
verification.
Port 1
Port 1 is an 8-bit bidirectional I/O port with internal pullups.
The Port 1 output buffers can sink/source four TTL inputs.
When 1s are written to Port 1 pins, they are pulled high by
the internal pullups and can be used as inputs. As inputs,
Port 1 pins that are externally being pulled low will source
current (I
IL) because of the internal pullups.
In addition, P1.0 and P1.1 can be configured to be the
timer/counter 2 external count input (P1.0/T2) and the
timer/counter 2 trigger input (P1.1/T2EX), respectively, as
shown in the following table.
Port 1 also receives the low-order address bytes during
QuickFlash programming and verification.
Port 2
Port 2 is an 8-bit bidirectional I/O port with internal pullups.
The Port 2 output buffers can sink/source four TTL inputs.
When 1s are written to Port 2 pins, they are pulled high by
the internal pullups and can be used as inputs. As inputs,
Port 2 pins that are externally being pulled low will source
current (I
IL) because of the internal pullups.
Port 2 emits the high-order address byte during fetches
from external program memory and during accesses to
external data memory that use 16-bit addresses (MOVX @
DPTR). In this application, Port 2 uses strong internal pul-
lups when emitting 1s. During accesses to external data
memory that use 8-bit addresses (MOVX @ RI), Port 2
emits the contents of the P2 Special Function Register.
Port 2 also receives the high-order address bits and some
control signals during QuickFlash programming and verifi-
cation.
Port 3
Port 3 is an 8-bit bidirectional I/O port with internal pullups.
The Port 3 output buffers can sink/source four TTL inputs.
When 1s are written to Port 3 pins, they are pulled high by
the internal pullups and can be used as inputs. As inputs,
Port 3 pins that are externally being pulled low will source
current (I
IL) because of the pullups.
Port 3 also serves the functions of various special features
of the AT87LV55, as shown in the following table.
Port 3 also receives some control signals for QuickFlash
programming and verification.
RST
Reset input. A high on this pin for two machine cycles while
the oscillator is running resets the device. This pin drives
High for 96 oscillator periods after the Watchdog times out.
The DISRTO bit in SFR AUXR (address 8EH) can be used
to disable this feature. In the default state of bit DISTRO,
the RESET HIGH out feature is enabled.
ALE/PROG
Address Latch Enable is an output pulse for latching the
low byte of the address during accesses to external mem-
Port Pin
Alternate Functions
P1.0
T2 (external count input to Timer/Counter 2),
clock-out
P1.1
T2EX (Timer/Counter 2 capture/reload trigger
and direction control)
Port Pin
Alternate Functions
P3.0
RXD (serial input port)
P3.1
TXD (serial output port)
P3.2
INT0 (external interrupt 0)
P3.3
INT1 (external interrupt 1)
P3.4
T0 (timer 0 external input)
P3.5
T1 (timer 1 external input)
P3.6
WR (external data memory write strobe)
P3.7
RD (external data memory read strobe)


Similar Part No. - AT87LV55

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT87LV51 ATMEL-AT87LV51 Datasheet
293Kb / 16P
   8-bit Microcontroller with 4K Bytes QuickFlash짰
AT87LV51-12AC ATMEL-AT87LV51-12AC Datasheet
293Kb / 16P
   8-bit Microcontroller with 4K Bytes QuickFlash짰
AT87LV51-12AI ATMEL-AT87LV51-12AI Datasheet
293Kb / 16P
   8-bit Microcontroller with 4K Bytes QuickFlash짰
AT87LV51-12JC ATMEL-AT87LV51-12JC Datasheet
293Kb / 16P
   8-bit Microcontroller with 4K Bytes QuickFlash짰
AT87LV51-12JI ATMEL-AT87LV51-12JI Datasheet
293Kb / 16P
   8-bit Microcontroller with 4K Bytes QuickFlash짰
More results

Similar Description - AT87LV55

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT87LV51 ATMEL-AT87LV51 Datasheet
293Kb / 16P
   8-bit Microcontroller with 4K Bytes QuickFlash짰
AT87F55WD ATMEL-AT87F55WD Datasheet
234Kb / 26P
   8-bit Microcontroller with 20K Bytes QuickFlash?
AT89C55 ATMEL-AT89C55 Datasheet
606Kb / 24P
   8-Bit Microcontroller with 20K Bytes Flash
AT89LV55 ATMEL-AT89LV55_06 Datasheet
688Kb / 32P
   8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD_02 Datasheet
293Kb / 37P
   8-bit Microcontroller with 20K Bytes Flash
AT89LV55 ATMEL-AT89LV55_01 Datasheet
484Kb / 24P
   8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD_08 Datasheet
522Kb / 35P
   8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD_05 Datasheet
416Kb / 35P
   8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD Datasheet
278Kb / 37P
   8-bit Microcontroller with 20K Bytes Flash
AT89LV55 ATMEL-AT89LV55 Datasheet
595Kb / 23P
   8-Bit Microcontroller with 20K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com