Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT87LV55 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT87LV55
Description  8-bit Microcontroller with 20K Bytes QuickFlash짰
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87LV55 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT87LV55 Datasheet HTML 5Page - ATMEL Corporation AT87LV55 Datasheet HTML 6Page - ATMEL Corporation AT87LV55 Datasheet HTML 7Page - ATMEL Corporation AT87LV55 Datasheet HTML 8Page - ATMEL Corporation AT87LV55 Datasheet HTML 9Page - ATMEL Corporation AT87LV55 Datasheet HTML 10Page - ATMEL Corporation AT87LV55 Datasheet HTML 11Page - ATMEL Corporation AT87LV55 Datasheet HTML 12Page - ATMEL Corporation AT87LV55 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
AT87LV55
9
Hardware Watchdog Timer
(One-time Enabled with Reset-out)
The WDT is intended as a recovery method in situations
where the CPU may be subjected to software upsets. The
WDT consists of a 14-bit counter and the WatchDog Timer
Reset (WDTRST) SFR. The WDT is defaulted to disable
from exiting reset. To enable the WDT, a user must write
01EH and 0E1H in sequence to the WDTRST register
(SFR location 0A6H). When the WDT is enabled, it will
increment every machine cycle while the oscillator is run-
ning. There is no way to disable the WDT except through
reset (either hardware reset or WDT overflow reset). When
WDT overflows, it will drive an output RESET HIGH pulse
at the RST pin.
Using the WDT
To enable the WDT, a user must write 01EH and 0E1H in
sequence to the WDTRST register (SFR location 0A6H).
When the WDT is enabled, the user needs to service it by
writing 01EH and 0E1H to WDTRST to avoid a WDT over-
flow. The 14-bit counter overflows when it reaches 16383
(3FFFH), and this will reset the device. When the WDT is
enabled, it will increment every machine cycle while the
oscillator is running. This means the user must reset the
WDT at least every 16383 machine cycles. To reset the
WDT the user must write 01EH and 0E1H to WDTRST.
WDTRST is a write-only register. The WDT counter cannot
be read or written. When WDT overflows, it will generate an
output RESET pulse at the RST pin. The RESET pulse
duration is 98xTOSC, where TOSC=1/FOSC. To make the
best use of the WDT, it should be serviced in those sec-
tions of code that will periodically be executed within the
time required to prevent a WDT reset.
WDT During Power Down and Idle
In Power Down mode the oscillator stops, which means the
WDT also stops. While in Power Down mode, the user
does not need to service the WDT. There are two methods
of exiting Power Down mode: by a hardware reset or via a
level-activated external interrupt which is enabled prior to
entering Power Down mode. When Power Down is exited
with hardware reset, servicing the WDT should occur as it
normally does whenever the AT87LV55 is reset. Exiting
Power Down with an interrupt is significantly different. The
interrupt is held low long enough for the oscillator to stabi-
lize. When the interrupt is brought high, the interrupt is ser-
viced. To prevent the WDT from resetting the device while
the interrupt pin is held low, the WDT is not started until the
interrupt is pulled high. It is suggested that the WDT be
reset during the interrupt service for the interrupt used to
exit Power Down.
To ensure that the WDT does not overflow within a few
states of exiting Power Down, it is best to reset the WDT
just before entering Power Down.
Before going into the IDLE mode, the WDIDLE bit in SFR
AUXR is used to determine whether the WDT continues to
count if enabled. The WDT keeps counting during IDLE
(WDIDLE bit = 0) as the default state. To prevent the WDT
from resetting the AT87LV55 while in IDLE mode, the user
should always set up a timer that will periodically exit IDLE,
service the WDT, and reenter IDLE mode.
With WDIDLE bit enabled, the WDT will stop to count in
IDLE mode and resumes the count upon exit from IDLE.
UART
The UART in the AT87LV55 operates the same way as the
UART in the AT87LV51 and AT87LV52. For further infor-
mation, see the December 1997 Microcontroller Data Book,
page 2-48, section titled, “Serial Interface”.
Timer 0 and 1
Timer 0 and Timer 1 in the AT87LV55 operate the same
way a s Time r 0 and Tim er 1 in th e AT87L V51 an d
AT87LV52.
Timer 2
Timer 2 is a 16-bit Timer/Counter that can operate as either
a timer or an event counter. The type of operation is
selected by bit C/T2 in the SFR T2CON (shown in Table 2).
Timer 2 has three operating modes: capture, auto-reload
(up or down counting), and baud rate generator. The
modes are selected by bits in T2CON, as shown in Table 4.
Timer 2 consists of two 8-bit registers, TH2 and TL2. In the
Timer function, the TL2 register is incremented every
machine cycle. Since a machine cycle consists of 12 oscil-
lator periods, the count rate is 1/12 of the oscillator fre-
quency.
In the Counter function, the register is incremented in
response to a 1-to-0 transition at its corresponding external
input pin, T2. In this function, the external input is sampled
during S5P2 of every machine cycle. When the samples
show a high in one cycle and a low in the next cycle, the
count is incremented. The new count value appears in the
Table 4. Timer 2 Operating Modes
RCLK +TCLK
CP/RL2
TR2
MODE
0
0
1
16-bit Auto-reload
0
1
1
16-bit Capture
1
X
1
Baud Rate Generator
X
X
0
(Off)


Similar Part No. - AT87LV55

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT87LV51 ATMEL-AT87LV51 Datasheet
293Kb / 16P
   8-bit Microcontroller with 4K Bytes QuickFlash짰
AT87LV51-12AC ATMEL-AT87LV51-12AC Datasheet
293Kb / 16P
   8-bit Microcontroller with 4K Bytes QuickFlash짰
AT87LV51-12AI ATMEL-AT87LV51-12AI Datasheet
293Kb / 16P
   8-bit Microcontroller with 4K Bytes QuickFlash짰
AT87LV51-12JC ATMEL-AT87LV51-12JC Datasheet
293Kb / 16P
   8-bit Microcontroller with 4K Bytes QuickFlash짰
AT87LV51-12JI ATMEL-AT87LV51-12JI Datasheet
293Kb / 16P
   8-bit Microcontroller with 4K Bytes QuickFlash짰
More results

Similar Description - AT87LV55

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT87LV51 ATMEL-AT87LV51 Datasheet
293Kb / 16P
   8-bit Microcontroller with 4K Bytes QuickFlash짰
AT87F55WD ATMEL-AT87F55WD Datasheet
234Kb / 26P
   8-bit Microcontroller with 20K Bytes QuickFlash?
AT89C55 ATMEL-AT89C55 Datasheet
606Kb / 24P
   8-Bit Microcontroller with 20K Bytes Flash
AT89LV55 ATMEL-AT89LV55_06 Datasheet
688Kb / 32P
   8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD_02 Datasheet
293Kb / 37P
   8-bit Microcontroller with 20K Bytes Flash
AT89LV55 ATMEL-AT89LV55_01 Datasheet
484Kb / 24P
   8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD_08 Datasheet
522Kb / 35P
   8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD_05 Datasheet
416Kb / 35P
   8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD Datasheet
278Kb / 37P
   8-bit Microcontroller with 20K Bytes Flash
AT89LV55 ATMEL-AT89LV55 Datasheet
595Kb / 23P
   8-Bit Microcontroller with 20K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com