Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8513KLPTR-T Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A8513KLPTR-T
Description  Wide Input Voltage Range, High Efficiency Fault Tolerant LED Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8513KLPTR-T Datasheet(HTML) 3 Page - Allegro MicroSystems

  A8513KLPTR-T Datasheet HTML 1Page - Allegro MicroSystems A8513KLPTR-T Datasheet HTML 2Page - Allegro MicroSystems A8513KLPTR-T Datasheet HTML 3Page - Allegro MicroSystems A8513KLPTR-T Datasheet HTML 4Page - Allegro MicroSystems A8513KLPTR-T Datasheet HTML 5Page - Allegro MicroSystems A8513KLPTR-T Datasheet HTML 6Page - Allegro MicroSystems A8513KLPTR-T Datasheet HTML 7Page - Allegro MicroSystems A8513KLPTR-T Datasheet HTML 8Page - Allegro MicroSystems A8513KLPTR-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Wide Input Voltage Range, High Efficiency
Fault Tolerant LED Driver
A8513
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
LP Package
LY Package
Pin-out Diagram
Terminal List Table
Name
Number
Function
LP
LY
COMP
15
10
Output of the error amplifier and compensation node. Connect compensation network from
this pin to GND for control loop compensation.
¯F¯¯A¯¯¯U¯¯L¯¯T¯
64
This pin is used to indicate fault conditions. Logic low indicates that the A8513 has
a fault present.
GND
13,14
9
Ground.
ISET
12
8
Connect the RISET resistor between this pin and GND to set the 100% LED current level.
LED
10
6
Connect the cathode of the LED string to this pin.
NC
1,2,8,9,16
No connection.
OVP
4
2
This pin is used to sense an overvoltage condition. Connect a resistive divider from the
VOUT node to this pin to adjust the Overvoltage Protection (OVP).
PAD
Exposed pad of the package providing enhanced thermal dissipation. This pad must be
connected to the ground plane(s) of the PCB with at least 8 thermal vias, directly in the pad.
EN/PWM
11
7
PWM dimming pin. Used to control LED intensity by using pulse width modulation.
SW
3
1
The drain of the internal NMOS switch of the boost converter.
VDD
7
5
Output of internal LDO. Connect a 0.1 μF decoupling capacitor between this pin and GND.
VIN
5
3
Input power to the A8513.
SW
OVP
VIN
FAULT
VDD
COMP
GND
ISET
EN/PWM
LED
1
2
3
4
5
10
9
8
7
6
PAD
NC
NC
SW
OVP
VIN
FAULT
VDD
NC
NC
COMP
GND
GND
ISET
EN/PWM
LED
NC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PAD
Thermal Characteristics*may require derating at maximum conditions, see application information
Characteristic
Symbol
Test Conditions*
Value
Unit
Package Thermal Resistance
(Junction to Ambient)
RθJA
LP package
On 4-layer PCB based on JEDEC standard
34
ºC/W
On 2-layer PCB with 3.8 in.2 of copper area each side
43
ºC/W
LY package
On 4-layer PCB based on JEDEC standard
48
ºC/W
On 2-layer PCB with 2.5 in.2 of copper area each side
48
ºC/W
Package Thermal Resistance
(Junction to Pad)
RθJP
2
ºC/W
*To be verified by characterization. Additional thermal information available on the Allegro® website.


Similar Part No. - A8513KLPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8510 ALLEGRO-A8510 Datasheet
1Mb / 33P
   Wide Input Voltage Range, High Efficiency
A8511 ALLEGRO-A8511 Datasheet
579Kb / 24P
   2 MHz, 4 Channel 횞 150 mA WLED/RGB Driver
A8512 ALLEGRO-A8512 Datasheet
491Kb / 16P
   LED Backlight Driver for Medium/Large Displays
A8512 ALLEGRO-A8512 Datasheet
612Kb / 18P
   LED Backlight Driver for LCD Monitors and Televisions
A8512EETTR-T ALLEGRO-A8512EETTR-T Datasheet
491Kb / 16P
   LED Backlight Driver for Medium/Large Displays
More results

Similar Description - A8513KLPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8502KLPTR-T ALLEGRO-A8502KLPTR-T Datasheet
1Mb / 35P
   Wide Input Voltage Range, High Efficiency Fault Tolerant LED Driver
A8502 ALLEGRO-A8502 Datasheet
1Mb / 35P
   Wide Input Voltage Range, High Efficiency
A8508 ALLEGRO-A8508 Datasheet
1Mb / 28P
   Wide Input Voltage Range, High Efficiency
A8509 ALLEGRO-A8509 Datasheet
1Mb / 28P
   Wide Input Voltage Range, High Efficiency
A8510 ALLEGRO-A8510 Datasheet
1Mb / 33P
   Wide Input Voltage Range, High Efficiency
logo
Maxic Technology Corpor...
MT7608 MAXIC-MT7608 Datasheet
80Kb / 1P
   Wide Input Voltage Range, Linear LED Driver
logo
Allegro MicroSystems
A8522 ALLEGRO-A8522 Datasheet
2Mb / 65P
   Wide Input Voltage, Fault Tolerant, Independently Controlled Multi-Channel LED Driver with I2C Interface
logo
Princeton Technology Co...
PT6911 PTC-PT6911 Datasheet
178Kb / 4P
   Wide Input Range Buck LED Driver
logo
CUI INC
VLD25-300-SMT CUI-VLD25-300-SMT Datasheet
406Kb / 6P
   LED DRIVER wide input and output voltage range SMT package
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
   Wide input voltage range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com