Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8513 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A8513
Description  Wide Input Voltage Range, High Efficiency Fault Tolerant LED Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8513 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A8513 Datasheet HTML 4Page - Allegro MicroSystems A8513 Datasheet HTML 5Page - Allegro MicroSystems A8513 Datasheet HTML 6Page - Allegro MicroSystems A8513 Datasheet HTML 7Page - Allegro MicroSystems A8513 Datasheet HTML 8Page - Allegro MicroSystems A8513 Datasheet HTML 9Page - Allegro MicroSystems A8513 Datasheet HTML 10Page - Allegro MicroSystems A8513 Datasheet HTML 11Page - Allegro MicroSystems A8513 Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Wide Input Voltage Range, High Efficiency
Fault Tolerant LED Driver
A8513
8
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
-55
-5
45
145
95
Temperature (°C)
Temperature (°C)
-55
-5
45
145
95
PWM dimming only
PWM + analog dimming
100
10
1
0.1
0.10
151.0
150.8
150.6
150.4
150.2
150.0
149.8
149.6
PWM Duty Cycle (%)
Normalized LED Current Ratio versus PWM Duty Cycle
fPWM = 200 Hz, VIN = 12 V, 6 series LEDs (21 V, 150 mA)
LED Current versus Ambient Temperature
ILED = 150 μA
0.01
0.10
1
10
100
2.5
2.4
2.3
2.2
2.1
2.0
1.9
1.8
1.7
1.6
Switch Current Limit versus Ambient Temperature


Similar Part No. - A8513

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8510 ALLEGRO-A8510 Datasheet
1Mb / 33P
   Wide Input Voltage Range, High Efficiency
A8511 ALLEGRO-A8511 Datasheet
579Kb / 24P
   2 MHz, 4 Channel 횞 150 mA WLED/RGB Driver
A8512 ALLEGRO-A8512 Datasheet
491Kb / 16P
   LED Backlight Driver for Medium/Large Displays
A8512 ALLEGRO-A8512 Datasheet
612Kb / 18P
   LED Backlight Driver for LCD Monitors and Televisions
A8512EETTR-T ALLEGRO-A8512EETTR-T Datasheet
491Kb / 16P
   LED Backlight Driver for Medium/Large Displays
More results

Similar Description - A8513

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8502KLPTR-T ALLEGRO-A8502KLPTR-T Datasheet
1Mb / 35P
   Wide Input Voltage Range, High Efficiency Fault Tolerant LED Driver
A8502 ALLEGRO-A8502 Datasheet
1Mb / 35P
   Wide Input Voltage Range, High Efficiency
A8508 ALLEGRO-A8508 Datasheet
1Mb / 28P
   Wide Input Voltage Range, High Efficiency
A8509 ALLEGRO-A8509 Datasheet
1Mb / 28P
   Wide Input Voltage Range, High Efficiency
A8510 ALLEGRO-A8510 Datasheet
1Mb / 33P
   Wide Input Voltage Range, High Efficiency
logo
Maxic Technology Corpor...
MT7608 MAXIC-MT7608 Datasheet
80Kb / 1P
   Wide Input Voltage Range, Linear LED Driver
logo
Allegro MicroSystems
A8522 ALLEGRO-A8522 Datasheet
2Mb / 65P
   Wide Input Voltage, Fault Tolerant, Independently Controlled Multi-Channel LED Driver with I2C Interface
logo
Princeton Technology Co...
PT6911 PTC-PT6911 Datasheet
178Kb / 4P
   Wide Input Range Buck LED Driver
logo
CUI INC
VLD25-300-SMT CUI-VLD25-300-SMT Datasheet
406Kb / 6P
   LED DRIVER wide input and output voltage range SMT package
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
   Wide input voltage range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com