Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCL101C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MCL101C
Description  Small Signal Schottky Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCL101C Datasheet(HTML) 2 Page - Vishay Siliconix

  MCL101C Datasheet HTML 1Page - Vishay Siliconix MCL101C Datasheet HTML 2Page - Vishay Siliconix MCL101C Datasheet HTML 3Page - Vishay Siliconix MCL101C Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
2
Document Number 85627
Rev. 1.4, 05-Aug-10
MCL101A, MCL101B, MCL101C
Vishay Semiconductors
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to
ambient air
On PC board
50 mm x 50 mm x 1.6 mm
RthJA
320
K/W
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
- 65 to + 150
°C
Parameter
Test condition
Part
Symbol
Min.
Typ.
Max.
Unit
Reverse Breakdown Voltage
IR = 10 µA
MCL101A
V(BR)
60
V
MCL101B
V(BR)
50
V
MCL101C
V(BR)
40
V
Leakage current
VR = 50 V
MCL101A
IR
200
nA
VR = 40 V
MCL101B
IR
200
nA
VR = 30 V
MCL101C
IR
200
nA
Forward voltage drop
IF = 1 mA
MCL101A
VF
410
mV
MCL101B
VF
400
mV
MCL101C
VF
390
mV
IF = 15 mA
MCL101A
VF
1000
mV
MCL101B
VF
950
mV
MCL101C
VF
900
mV
Diode capacitance
VR = 0 V, f = 1 MHz
MCL101A
CD
2pF
MCL101B
CD
2.1
pF
MCL101C
CD
2.2
pF
Figure 1. Reverse Current vs. Reverse Voltage
0.01
0.1
1
10
100
0
1015
2025
3035
4045
50
V
R - Reverse Voltage (V)
16204
T
j = 125 °C
T
j = 100 °C
T
j = 75 °C
T
j = 50 °C
T
j = 25 °C
5
Figure 2. Diode Capacitance vs. Reverse Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
1015
2025
3035
4045
50
V
R - Reverse Voltage (V)
16205
T
j = 25 °C
5


Similar Part No. - MCL101C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCL101C VISHAY-MCL101C Datasheet
98Kb / 4P
   Small Signal Schottky Barrier Diodes
Rev. 3, 25-Jun-01
logo
Diotec Semiconductor
MCL101C DIOTEC-MCL101C Datasheet
88Kb / 1P
   Surface Mount Small Signal Diodes
logo
Vishay Siliconix
MCL101C VISHAY-MCL101C Datasheet
122Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.3, 07-Mar-06
logo
SEMTECH ELECTRONICS LTD...
MCL101C SEMTECH_ELEC-MCL101C Datasheet
174Kb / 2P
   SILICON SCHOTTKY BARRIER DIODES
logo
GOOD-ARK Electronics
MCL101C GOOD-ARK-MCL101C Datasheet
103Kb / 2P
   Small Signal Schottky Barrier Diodes
More results

Similar Description - MCL101C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com