Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-P16-S3 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # Q62702-P16-S3
Description  NPN-Silizium-Fototransistor Silicon NPN Phototransistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-P16-S3 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  Q62702-P16-S3 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-P16-S3 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-P16-S3 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-P16-S3 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-P16-S3 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-P16-S3 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Semiconductor Group
227
BPX 43
Relative spectral sensitivity
Srel = f (λ)
Output characteristics
IC = f (VCE), IB = Parameter
Photocurrent
IPCE/IPCE25
o = f (TA), VCE = 5 V
Photocurrent
IPCE = f (Ee), VCE = 5 V
Output characteristics
IC = f (VCE), IB = Parameter
Dark current
ICEO/ICEO25
o = f (TA), VCE = 25 V, E = 0
Total power dissipation
Ptot = f (TA)
Dark current
ICEO = f (VCE), E = 0
Collector-emitter capacitance
CCE = f (VCE), f = 1 MHz, E = 0


Similar Part No. - Q62702-P16-S3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-P1602 SIEMENS-Q62702-P1602 Datasheet
50Kb / 5P
   Silicon PIN Photodiode
Q62702-P1604 SIEMENS-Q62702-P1604 Datasheet
42Kb / 5P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
Q62702-P1605 SIEMENS-Q62702-P1605 Datasheet
47Kb / 4P
   Neu: Silizium-PIN-Fotodiode, New: Silicon PIN Photodiode
Q62702-P1606 SIEMENS-Q62702-P1606 Datasheet
188Kb / 5P
   NPN-Silizium-Fototransistor im SMT TOPLEDa-Gehause Silicon NPN Phototransistor in SMT TOPLEDa-Package
Q62702-P1607 SIEMENS-Q62702-P1607 Datasheet
188Kb / 5P
   NPN-Silizium-Fototransistor im SMT TOPLEDa-Gehause Silicon NPN Phototransistor in SMT TOPLEDa-Package
More results

Similar Description - Q62702-P16-S3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH309 SIEMENS-SFH309 Datasheet
281Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309P SIEMENS-SFH309P Datasheet
274Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH302 SIEMENS-SFH302 Datasheet
207Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3400 SIEMENS-SFH3400 Datasheet
49Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3401 SIEMENS-SFH3401 Datasheet
46Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX38 SIEMENS-BPX38 Datasheet
315Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH300 SIEMENS-SFH300 Datasheet
232Kb / 5P
   .NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX81 SIEMENS-BPX81 Datasheet
210Kb / 4P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
LPT80A SIEMENS-LPT80A Datasheet
36Kb / 4P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BP103 SIEMENS-BP103 Datasheet
331Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com