Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-P15-S4 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q62702-P15-S4
Description  NPN-Silizium-Fototransistor Silicon NPN Phototransistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-P15-S4 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q62702-P15-S4 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-P15-S4 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-P15-S4 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-P15-S4 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-P15-S4 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-P15-S4 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Semiconductor Group
217
BPX 38
NPN-Silizium-Fototransistor
Silicon NPN Phototransistor
Wesentliche Merkmale
q
Speziell geeignet für Anwendungen im
Bereich von 450 nm bis 1120 nm
q
Hohe Linearität
q
Hermetisch dichte Metallbauform (TO-18)
mit Basisanschlu
β, geeignet bis 125 °C1)
q
Gruppiert lieferbar
Anwendungen
q
Lichtschranken für Gleich- und
Wechsellichtbetrieb
q
Industrieelektronik
q
“Messen/Steuern/Regeln”
Features
q
Especially suitable for applications from
450 nm to 1120 nm
q
High linearity
q
Hermetically sealed metal package (TO-18)
with base connection, suitable up to 125
°C1)
q
Available in groups
Applications
q
Photointerrupters
q
Industrial electronics
q
For control and drive circuits
Ma
βe in mm, wenn nicht anders angegeben/Dimensions in mm, unless otherwise specified
BPX 38
1) Eine Lieferung in dieser Gruppe kann wegen Ausbeuteschwankungen nicht immer sichergestellt werden.
Wir behalten uns in diesem Fall die Lieferung einer Ersatzgruppe vor.
1) Supplies out of this group cannot always be guaranteed due to unforseeable spread of yield. In this case we
will reserve us the right of delivering a substitute group.
Typ
Type
Bestellnummer
Ordering Code
BPX 38
Q62702-P15
BPX 38-2
Q62702-P15-S2
BPX 38-3
Q62702-P15-S3
BPX 38-4
Q62702-P15-S4
BPX 38-51)
Q 62702-P15-S5
10.95


Similar Part No. - Q62702-P15-S4

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-P1000 SIEMENS-Q62702-P1000 Datasheet
281Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
Q62702-P1001 SIEMENS-Q62702-P1001 Datasheet
34Kb / 4P
   GaAs Infrared Emitter
Q62702-P1002 SIEMENS-Q62702-P1002 Datasheet
34Kb / 4P
   GaAs Infrared Emitter
Q62702-P102 SIEMENS-Q62702-P102 Datasheet
157Kb / 4P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter Silicon-PIN-Photodiode with Daylight Filter
Q62702-P102 SIEMENS-Q62702-P102 Datasheet
72Kb / 4P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter Silicon-PIN-Photodiode with Daylight Filter
More results

Similar Description - Q62702-P15-S4

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH309 SIEMENS-SFH309 Datasheet
281Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309P SIEMENS-SFH309P Datasheet
274Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH302 SIEMENS-SFH302 Datasheet
207Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3400 SIEMENS-SFH3400 Datasheet
49Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3401 SIEMENS-SFH3401 Datasheet
46Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH300 SIEMENS-SFH300 Datasheet
232Kb / 5P
   .NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX81 SIEMENS-BPX81 Datasheet
210Kb / 4P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
LPT80A SIEMENS-LPT80A Datasheet
36Kb / 4P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX43 SIEMENS-BPX43 Datasheet
313Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BP103 SIEMENS-BP103 Datasheet
331Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com