Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-P15 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # Q62702-P15
Description  NPN-Silizium-Fototransistor Silicon NPN Phototransistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-P15 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  Q62702-P15 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-P15 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-P15 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-P15 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-P15 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-P15 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BPX 38
Semiconductor Group
220
Die Fototransistoren werden nach ihrer Fotoempfindlichkeit gruppiert und mit arabischen
Ziffern gekennzeichnet.
The phototransistors are grouped according to their spectral sensitivity and distinguished
by arabian figures.
1) I
PCEmin ist der minimale Fotostrom der jeweiligen Gruppe
1) I
PCEmin is the min. photocurrent of the specified group
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einh.
Unit
-2
-3
-4
-5
Fotostrom,
λ = 950 nm
Photocurrent
E
e = 0.5 mW/cm
2, V
CE = 5 V
E
v = 1000 Ix, Normlicht/standard light A,
V
CE = 5 V
I
PCE
I
PCE
0.2 ... 0.4
0.95
0.32 ... 0.63
1.5
0.5 ... 1.0
2.3
≥ 0.8
3.6
mA
mA
Anstiegszeit/Abfallzeit
Rise and fall time
I
C = 1 mA, VCC = 5 V, RL = 1 kΩ
t
r, tf
912
15
18
µs
Kollektor-Emitter-Sättigungsspannung
Collector-emitter saturation voltage
I
C = IPCEmin
1)
× 0.3
E
e = 0.5 mW/cm
2
V
CEsat
200
200
200
200
mV
Stromverstärkung
Current gain
E
e = 0.5 mW/cm
2, V
CE = 5 V
I
PCE
I
PCB
170
280
420
650


Similar Part No. - Q62702-P15

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-P1000 SIEMENS-Q62702-P1000 Datasheet
281Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
Q62702-P1001 SIEMENS-Q62702-P1001 Datasheet
34Kb / 4P
   GaAs Infrared Emitter
Q62702-P1002 SIEMENS-Q62702-P1002 Datasheet
34Kb / 4P
   GaAs Infrared Emitter
Q62702-P102 SIEMENS-Q62702-P102 Datasheet
157Kb / 4P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter Silicon-PIN-Photodiode with Daylight Filter
Q62702-P102 SIEMENS-Q62702-P102 Datasheet
72Kb / 4P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter Silicon-PIN-Photodiode with Daylight Filter
More results

Similar Description - Q62702-P15

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH309 SIEMENS-SFH309 Datasheet
281Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309P SIEMENS-SFH309P Datasheet
274Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH302 SIEMENS-SFH302 Datasheet
207Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3400 SIEMENS-SFH3400 Datasheet
49Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3401 SIEMENS-SFH3401 Datasheet
46Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH300 SIEMENS-SFH300 Datasheet
232Kb / 5P
   .NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX81 SIEMENS-BPX81 Datasheet
210Kb / 4P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
LPT80A SIEMENS-LPT80A Datasheet
36Kb / 4P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX43 SIEMENS-BPX43 Datasheet
313Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BP103 SIEMENS-BP103 Datasheet
331Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com