Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT3585 Datasheet(PDF) 6 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3585
Description  3.5A, 20V, RDS(ON) 75m -2.5A, -20V, RDS(ON) 160m N And P-Channel Enhancement Mode Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3585 Datasheet(HTML) 6 Page - SeCoS Halbleitertechnologie GmbH

  STT3585_12 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3585_12 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT3585_12 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT3585_12 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH STT3585_12 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH STT3585_12 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH STT3585_12 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Elektronische Bauelemente
STT3585
3.5A, 20V, RDS(ON) 75m
-2.5A, -20V, RDS(ON) 160m
N And P-Channel Enhancement Mode Power MOSFET
03-Jan-2012 Rev. C
Page 6 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTICS CURVE (P-Channel)


Similar Part No. - STT3585_12

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STT3585 SECOS-STT3585 Datasheet
805Kb / 7P
   N And P-Channel Enhancement Mode Power Mos.FET
logo
VBsemi Electronics Co.,...
STT3585 VBSEMI-STT3585 Datasheet
612Kb / 10P
   N- and P-Channel 20V (D-S) MOSFET
More results

Similar Description - STT3585_12

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SST3585 SECOS-SST3585_12 Datasheet
654Kb / 7P
   3.5A, 20V, RDS(ON) 75m -2.5A, -20V, RDS(ON) 160m N And P-Channel Enhancement Mode Power MOSFET
SSG4520H SECOS-SSG4520H_12 Datasheet
440Kb / 6P
   N-Ch: 6.6A, 20V, RDS(ON) 47 m P-Ch: -5.2A, -20V, RDS(ON) 79 mN & P-Ch Enhancement Mode Power MOSFET
SMG2305P_1108 SECOS-SMG2305P_1108 Datasheet
71Kb / 2P
   -4.5A , -20V , RDS(ON) 43 m P-Channel Enhancement MOSFET
SSPS7321P SECOS-SSPS7321P Datasheet
525Kb / 4P
   -13A , -20V , RDS(ON) 14 m P-Ch Enhancement Mode Power MOSFET
logo
International Rectifier
IRF7401 IRF-IRF7401 Datasheet
118Kb / 9P
   Power MOSFET(Vdss=20V, Rds(on)=0.022ohm)
IRF7530 IRF-IRF7530 Datasheet
83Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)=0.030ohm)
IRF7555 IRF-IRF7555 Datasheet
71Kb / 7P
   Power MOSFET(Vdss=-20V, Rds(on)=0.055ohm)
IRF7604 IRF-IRF7604 Datasheet
134Kb / 8P
   Power MOSFET(Vdss=-20V, Rds(on)=0.09ohm)
IRF7663 IRF-IRF7663 Datasheet
77Kb / 7P
   Power MOSFET(Vdss=-20V, Rds(on)=0.020ohm)
IRF7750 IRF-IRF7750 Datasheet
110Kb / 7P
   Power MOSFET(Vdss=-20V, Rds(on)=0.030ohm)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com