Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-P1790 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # Q62702-P1790
Description  Silicon PIN Photodiode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-P1790 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  Q62702-P1790 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-P1790 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-P1790 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-P1790 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-P1790 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BPW 34, BPW 34 S
BPW 34 S (E9087)
Semiconductor Group
3
1998-08-27
Grenzwerte
Maximum Ratings
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 40 ... + 85
°C
Sperrspannung
Reverse voltage
V
R
32
V
Verlustleistung,
T
A = 25 °C
Total power dissipation
P
tot
150
mW
Kennwerte (
T
A = 25 °C, Normlicht A, T = 2856 K)
Characteristics (
T
A = 25 °C, standard light A, T = 2856 K)
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Fotoempfindlichkeit,
V
R = 5 V
Spectral sensitivity
S
80 (
≥ 50)
nA/Ix
Wellenlänge der max. Fotoempfindlichkeit
Wavelength of max. sensitivity
λ
S max
850
nm
Spektraler Bereich der Fotoempfindlichkeit
S = 10 % von S
max
Spectral range of sensitivity
S = 10 % of S
max
λ
400 ... 1100
nm
Bestrahlungsempfindliche Fläche
Radiant sensitive area
A
7.00
mm2
Abmessung der bestrahlungsempfindlichen
Fläche
Dimensions of radiant sensitive area
L
× B
L
× W
2.65
× 2.65
mm
× mm
Halbwinkel
Half angle
ϕ± 60
Grad
deg.
Dunkelstrom,
V
R = 10 V
Dark current
I
R
2 (
≤ 30)
nA
Spektrale Fotoempfindlichkeit,
λ = 850 nm
Spectral sensitivity
Sλ
0.62
A/W
Quantenausbeute,
λ = 850 nm
Quantum yield
η
0.90
Electrons
Photon
Leerlaufspannung,
E
v = 1000 Ix
Open-circuit voltage
V
O
365 (
≥ 300)
mV


Similar Part No. - Q62702-P1790

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-P1793 SIEMENS-Q62702-P1793 Datasheet
86Kb / 5P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter Silicon-PIN-Photodiode with Daylight Filter
Q62702-P1795 SIEMENS-Q62702-P1795 Datasheet
170Kb / 4P
   Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
Q62702-P1796 SIEMENS-Q62702-P1796 Datasheet
49Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
Q62702-P1798 SIEMENS-Q62702-P1798 Datasheet
58Kb / 6P
   GaAs-IR-Lumineszenzdioden 950 nm GaAs Infrared Emitters 950 nm
More results

Similar Description - Q62702-P1790

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
   Silicon PIN Photodiode
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
   PIN SILICON PHOTODIODE
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
   Silicon PIN Photodiode
Rev. 3, 16-Nov-99
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
   Silicon PIN Photodiode
Rev. 1.0, 09-Jan-14
VBPW34FAS VISHAY-VBPW34FAS_11 Datasheet
164Kb / 8P
   Silicon PIN Photodiode
Rev. 1.2, 24-Aug-11
TEFD4300 VISHAY-TEFD4300_14 Datasheet
93Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 04-Aug-14
BPV23NF VISHAY-BPV23NF_11 Datasheet
126Kb / 5P
   Silicon PIN Photodiode
Rev. 1.8, 24-Aug-11
T1110P6 VISHAY-T1110P6_14 Datasheet
79Kb / 4P
   Silicon PIN Photodiode
Rev. 1.5, 21-May-14
T1180P6 VISHAY-T1180P6 Datasheet
87Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 07-Dec-15
T1187P6 VISHAY-T1187P6 Datasheet
101Kb / 5P
   Silicon PIN Photodiode
Rev. 1.1, 14-Apr-15
VEMD6060X01 VISHAY-VEMD6060X01 Datasheet
168Kb / 8P
   Silicon PIN Photodiode
Rev. 1.0, 14-Jan-16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com