Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTSZ5265CWS Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MTSZ5265CWS
Description  200mW, SOD-323L Surface Mount Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MTSZ5265CWS Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MTSZ5265CWS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MTSZ5265CWS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MTSZ5265CWS Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MTSZ5265CWS Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
MTSZ52xxCWS Series
200mW, SOD-323L
Surface Mount Zener Diodes
6-Jan-2012 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified, VF=900mV Maximum@ IF=10mA)
Zener Voltage Range
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
VZ@IZT
IZT
ZZT@IZT ZZK@IZK
IZK
IR@VR
Type Number
Marking
Min(V)
Nom(V)
Max(V)
mA
mA
μA
V
MTSZ5229CWS
229C
4.214
4.3
4.386
20
22
2000
0.25
5
1
MTSZ5230CWS
230C
4.606
4.7
4.794
20
19
1900
0.25
5
2
MTSZ5231CWS
231C
4.998
5.1
5.202
20
17
1600
0.25
5
2
MTSZ5232CWS
232C
5.488
5.6
5.712
20
11
1600
0.25
5
3
MTSZ5233CWS
233C
5.88
6
6.12
20
7
1600
0.25
5
3.5
MTSZ5234CWS
234C
6.076
6.2
6.324
20
7
1000
0.25
5
4
MTSZ5235CWS
235C
6.664
6.8
6.936
20
5
750
0.25
3
5
MTSZ5236CWS
236C
7.35
7.5
7.65
20
6
500
0.25
3
6
MTSZ5237CWS
237C
8.036
8.2
8.364
20
8
500
0.25
3
6.5
MTSZ5238CWS
238C
8.526
8.7
8.874
20
8
600
0.25
3
6.5
MTSZ5239CWS
239C
8.918
9.1
9.282
20
10
600
0.25
3
7
MTSZ5240CWS
240C
9.8
10
10.2
20
17
600
0.25
3
8
MTSZ5241CWS
241C
10.78
11
11.22
20
22
600
0.25
2
8.4
MTSZ5242CWS
242C
11.76
12
12.24
20
30
600
0.25
1
9.1
MTSZ5243CWS
243C
12.74
13
13.26
9.5
13
600
0.25
0.5
9.9
MTSZ5244CWS
244C
13.72
14
14.28
9
15
600
0.25
0.1
10
MTSZ5245CWS
245C
14.7
15
15.3
8.5
16
600
0.25
0.1
11
MTSZ5246CWS
246C
15.68
16
16.32
7.8
17
600
0.25
0.1
12
MTSZ5247CWS
247C
16.66
17
17.34
7.4
19
600
0.25
0.1
13
MTSZ5248CWS
248C
17.64
18
18.36
7
21
600
0.25
0.1
14
MTSZ5249CWS
249C
18.62
19
19.38
6.6
23
600
0.25
0.1
14
MTSZ5250CWS
250C
19.6
20
20.4
6.2
25
600
0.25
0.1
15
MTSZ5251CWS
251C
21.56
22
22.44
5.6
29
600
0.25
0.1
17
MTSZ5252CWS
252C
23.52
24
24.48
5.2
33
600
0.25
0.1
18
MTSZ5253CWS
253C
24.5
25
25.5
5
35
600
0.25
0.1
19
MTSZ5254CWS
254C
26.46
27
27.54
4.6
41
600
0.25
0.1
21
MTSZ5255CWS
255C
27.44
28
28.56
4.5
44
600
0.25
0.1
21
MTSZ5256CWS
256C
29.4
30
30.6
4.2
49
600
0.25
0.1
23
MTSZ5257CWS
257C
32.34
33
33.66
3.8
58
700
0.25
0.1
25
MTSZ5258CWS
258C
35.28
36
36.72
3.4
70
700
0.25
0.1
27


Similar Part No. - MTSZ5265CWS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MTSZ5265BW SECOS-MTSZ5265BW Datasheet
478Kb / 4P
   500mW, SOD-123LH Surface Mount Zener Diodes
MTSZ5265BWS SECOS-MTSZ5265BWS Datasheet
256Kb / 4P
   200mW , SOD-323L Surface Mount Zener Diodes
More results

Similar Description - MTSZ5265CWS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MM3ZXXXCW SECOS-MM3ZXXXCW Datasheet
595Kb / 4P
   200mW, SOD-323L Surface Mount Zener Diodes
MTSZ52XXBWS SECOS-MTSZ52XXBWS Datasheet
256Kb / 4P
   200mW , SOD-323L Surface Mount Zener Diodes
MT5ZXXX SECOS-MT5ZXXX Datasheet
1Mb / 4P
   200mW , SOD-523 Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
MM5Z2V4 SUNMATE-MM5Z2V4 Datasheet
287Kb / 2P
   200mW Surface Mount Zener Diodes
logo
Leshan Radio Company
LSTZ5.6NLT1G LRC-LSTZ5.6NLT1G Datasheet
305Kb / 3P
   200mW SURFACE MOUNT ZENER DIODES
logo
SUNMATE electronic Co.,...
MM3Z2V0 SUNMATE-MM3Z2V0 Datasheet
1Mb / 2P
   200mW Surface Mount Zener Diodes
logo
WILLAS ELECTRONIC CORP
BZT52-C2V4S WILLAS-BZT52-C2V4S Datasheet
303Kb / 3P
   200mW SURFACE MOUNT SILICON ZENER DIODES 2.4V~51V SOD-323 PACKAGE
logo
Yea Shin Technology Co....
MM3Z2V4C YEASHIN-MM3Z2V4C Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
MMSZ5221BS YEASHIN-MMSZ5221BS Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4S-75S WINNERJOIN-BZT52C2V4S-75S Datasheet
298Kb / 4P
   200mW SOD-323 SURFACE MOUNT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com