Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-G38 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q62702-G38
Description  Silicon Switching Diode Array (Bridge configuration High-speed switch diode chip)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-G38 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q62702-G38 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-G38 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-G38 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-G38 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
Silicon Switching Diode Array
BGX 50 A
Maximum Ratings per Diode
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
BGX 50 A
Q62702-G38
U1s
SOT-143
Parameter
Symbol
Values
Unit
Reverse voltage
VR
50
V
Forward current
IF
140
mA
Junction temperature
Tj
150
˚C
Total power dissipation, TS =74˚C
Ptot
210
mW
Storage temperature range
Tstg
– 65 … + 150
Peak reverse voltage
VRM
70
Thermal Resistance
Junction - ambient2)
Rth JA
640
K/W
Junction - soldering point
Rth JS
360
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/6 cm2 Cu.
q
Bridge configuration
q
High-speed switch diode chip
5.91


Similar Part No. - Q62702-G38

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-G0041 SIEMENS-Q62702-G0041 Datasheet
20Kb / 4P
   Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz)
Q62702-G0042 SIEMENS-Q62702-G0042 Datasheet
20Kb / 4P
   Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 11 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz)
Q62702-G0043 SIEMENS-Q62702-G0043 Datasheet
20Kb / 4P
   Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 16 dB typical gain at 1.0 GHz 12 dBm typical P-1dB at 1.0 GHz)
Q62702-G0057 SIEMENS-Q62702-G0057 Datasheet
38Kb / 6P
   Si-MMIC-Amplifierin SIEGET 25-Technologie (Cascadable 50 廓-gain block Unconditionally stable)
Q62702-G0058 SIEMENS-Q62702-G0058 Datasheet
81Kb / 8P
   Si-MMIC-Amplifier in SIEGET 25-Technologie (Multifunctional casc. 50 廓 block LNA / MIX Unconditionally stable)
More results

Similar Description - Q62702-G38

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV756S PHILIPS-BAV756S Datasheet
73Kb / 12P
   High-speed switching diode array
1997 Oct 21
logo
Pan Jit International I...
BAV99S PANJIT-BAV99S Datasheet
484Kb / 3P
   HIGH SPEED SWITCHING DIODE ARRAY
logo
NXP Semiconductors
BAV99S PHILIPS-BAV99S Datasheet
68Kb / 12P
   High-speed switching diode array
2001 May 14
logo
Siemens Semiconductor G...
BAV70 SIEMENS-BAV70 Datasheet
97Kb / 4P
   Silicon Switching Diode Array (For high-speed switchingFor high-speed switching)
logo
Central Semiconductor C...
CPD63 CENTRAL-CPD63 Datasheet
207Kb / 2P
   Switching Diode High Speed Switching Diode Chip
CPD83V CENTRAL-CPD83V_10 Datasheet
427Kb / 2P
   Switching Diode High Speed Switching Diode Chip
CPD83V CENTRAL-CPD83V Datasheet
128Kb / 2P
   Switching Diode High Speed Switching Diode Chip
logo
Siemens Semiconductor G...
BAV74 SIEMENS-BAV74 Datasheet
96Kb / 4P
   Silicon Switching Diode Array (For high-speed switching Common cathode)
SMBD2837 SIEMENS-SMBD2837 Datasheet
100Kb / 4P
   Silicon Switching Diode Array
logo
Guangdong Kexin Industr...
BAS28W KEXIN-BAS28W Datasheet
40Kb / 2P
   Silicon Switching Diode Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com